Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR412-12-25 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # BR412-12-25
Description  Miniature High Voltage Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

BR412-12-25 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  BR412-12-25 Datasheet HTML 1Page - Edal Industries, Inc. BR412-12-25 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES B412
Miniature High Voltage Silicon Rectifiers
Smaller in size than other high voltage rectifiers, compact tubular construction and flexible leads facilitate circuit
mounting and provide excellent thermal conductivity. These units are ideally suited for commercial and industrial
applications including high voltage power supplies, electrostatic applications, cathode ray tubes, oscilloscopes, TV,
display, X-ray and laser. Diodes used consist of double diffused junctions, bonded selected and pre-tested for
uniform electrical characteristics. Compact, rugged, tubular construction eliminates sharp edges to reduce corona
common to rectangular packages. Series B412 units meet moisture resistance requirements of MIL Standard 202A,
Method 106. A varied operating range is available from 5,000 volts to 50,000 volts PIV, 5mA to 25mA and available
in both standard and fast recovery series.
Electrical Ratings
Maximum Allowable One Cycle Surge Current
(60 Hz single phase non-recurrent at
rated PRV and no load)
4 amps
Maximum Reverse Current at PIV
25 o C
1 ua*
100 o C
40 ua*
*fast recovery series 2 ua and 100 ua. Maximum reverse
recovery time trr @ If =2 ma and Ir = 4 ma. Recovery
to 1.0 ma – 250 nanoseconds
Standard Series
Fast Recovery Series
EDAL P/N*
AVG. FWD CURRENT Io AT
55oC
PIV
VOLTS
MAX.
FWD
VOLTAGE
DROP AT
25oC & Io
VOLTS
L
IN.
EDAL P/N*
AVG. FWD CURRENT Io AT 55
oC
PIV
VOLTS
MAX.
FWD
VOLTAGE
DROP AT
25oC & Io
VOLTS
L
IN.
5 ma
10 ma
25ma
5 ma
10 ma
25 ma
B412-5-5
B412-7-5
B412-10-5
B412-12-5
B412-15-5
B412-20-5
B412-25-5
B412-30-5
B412-40-5
B412-50-5
B412-5-10
B412-7-10
B412-10-10
B412-12-10
B412-15-10
B412-20-10
B412-25-10
B412-30-10
B412-40-10
B412-50-10
B412-5-25
B412-7-25
B412-10-25
B412-12-25
B412-15-25
B412-20-25
B412-25-25
B412-30-25
B412-40-25
B412-50-25
5000
7000
10000
12000
15000
20000
25000
30000
40000
50000
12
12
18
18
35
35
35
50
50
70
1.0
1.0
1.0
1.0
2.0
2.0
2.0
3.0
3.0
5.0
BR412-5-5
BR412-7-5
BR412-10-5
BR412-12-5
BR412-15-5
BR412-20-5
BR412-25-5
BR412-30-5
BR412-40-5
BR412-50-5
BR412-5-10
BR412-7-10
BR412-10-10
BR412-12-10
BR412-15-10
BR412-20-10
BR412-25-10
BR412-30-10
BR412-40-10
BR412-50-10
BR412-5-25
BR412-7-25
BR412-10-25
BR412-12-25
BR412-15-25
BR412-20-25
BR412-25-25
BR412-30-25
BR412-40-25
BR412-50-25
5000
7000
10000
12000
15000
20000
25000
30000
40000
50000
15
15
30
30
60
60
60
90
90
120
1.0
1.0
1.0
1.0
2.0
2.0
2.0
3.0
3.0
5.0
* Standard product lines are also available in 50 ma and 100 ma ratings. Other values are available upon request.
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - BR412-12-25

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BR4145 FOSHAN-BR4145 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
More results

Similar Description - BR412-12-25

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
First Components Intern...
GP02 FCI-GP02 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B587 EDAL-B587 Datasheet
749Kb / 2P
   Sub-Miniature High Voltage Rectifiers
logo
First Components Intern...
FV05M FCI-FV05M Datasheet
63Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B427 EDAL-B427 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
logo
Electronic devices inc.
SR300 EDI-SR300 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
EF100 EDI-EF100 Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com