Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR587-60 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # BR587-60
Description  Sub-Miniature High Voltage Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

BR587-60 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  BR587-60 Datasheet HTML 1Page - Edal Industries, Inc. BR587-60 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sub-Miniature High Voltage Rectifiers
Compact tubular construction and flexible leads facilitate circuit mounting, provide excellent thermal conductivity and eliminate
sharp edges to reduce corona common to large, rectangular packages. Diodes are manufactured using double junctions that are
bonded and selected for uniform electrical characteristics. Series B587 and the B588, units all meet moisture resistance
requirements of MIL Standard 202A, Method 106. Series B587 and B588 are available in voltage ratings of 1000 to 20000 volts
PIV. The B587 has a current range of 50ma to 200ma and the B588 100ma to 1000ma. Both are available in standard and fast
recovery series. All series are available with special ratings on request. Other sizes and ratings are available.
Specifications B587, B588
Standard series
Fast Recovery series
PIV
Volts
PART
NO.
Io ma
@
55o C
Vf
Io @
25o C
PART
NO.
Io ma
@
55o C
Vf
Io @
25o C
PIV
Volts
PART
NO.
Io ma
@
40o C
Vf
Io @
25o C
PART
NO.
Io ma
@
55o C
Vf
Io @
25o C
1000
B587-10
200
5
B588-10
1000
5
1000
BR587-10
100
7
BR588-10
500
7
1500
B587-15
200
5
B588-15
1000
5
1500
BR587-15
100
7
BR588-15
500
7
2000
B587-20
200
5
B588-20
700
5
2000
BR587-20
100
7
BR588-20
350
7
2500
B587-25
200
5
B588-25
700
5
2500
BR587-25
100
7
BR588-25
350
7
3000
B587-30
200
5
B588-30
500
5
3000
BR587-30
100
7
BR588-30
250
7
3500
B587-35
100
7
B588-35
500
7
3500
BR587-35
50
10
BR588-35
250
10
4000
B587-40
100
7
B588-40
400
7
4000
BR587-40
50
10
BR588-40
200
10
4500
B587-45
100
7
B588-45
400
7
4500
BR587-45
50
10
BR588-45
200
10
5000
B587-50
100
7
B588-50
300
7
5000
BR587-50
50
10
BR588-50
150
10
5500
B587-55
50
10
B588-55
300
10
5500
BR587-55
25
15
BR588-55
150
15
6000
B587-60
50
10
B588-60
200
10
6000
BR587-60
25
15
BR588-60
100
15
6500
B587-65
50
10
B588-65
200
10
6500
BR587-65
25
15
BR588-65
100
15
7000
B587-70
50
10
B588-72
150
10
7000
BR587-70
25
15
BR588-70
75
15
8000
B587-80
50
12
B588-80
125
12
8000
BR587-80
25
18
BR588-80
65
18
8500
B587-85
50
12
B588-85
125
12
8500
BR587-85
25
18
BR588-85
65
18
9000
B587-90
50
12
B588-90
125
12
9000
BR587-90
25
18
BR588-90
60
18
9500
B587-95
50
12
B588-95
125
12
9500
BR587-95
25
18
BR588-95
55
18
10000
B587-100
50
15
B588-100
100
15
10000
BR587-100
25
23
BR588-100
50
23
11000
B587-110
50
15
B588-110
100
15
11000
BR587-110
25
23
BR588-110
50
23
12000
B587-120
50
15
B588-120
100
15
12000
BR587-120
25
23
BR588-120
50
23
13000
B587-130
50
15
B588-130
100
15
13000
BR587-130
25
23
BR588-130
50
23
14000
B587-140
50
15
B588-140
100
15
14000
BR587-140
25
23
BR588-140
50
23
15000
B587-150
50
25
B588-150
100
25
15000
BR587-150
25
38
BR588-150
50
38
16000
B587-160
50
25
B588-160
100
25
16000
BR587-160
25
38
BR588-160
50
38
17000
B587-170
50
25
B588-170
100
25
17000
BR587-170
25
38
BR588-170
50
38
18000
B587-180
50
25
B588-180
100
25
18000
BR587-180
25
38
BR588-180
50
38
19000
B587-190
50
25
B588-190
100
25
19000
BR587-190
25
38
BR588-190
50
38
20000
B587-200
50
30
B588-200
100
30
20000
BR587-200
25
45
BR588-200
50
45
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - BR587-60

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BR5853 APITECH-BR5853 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
BR5853 APITECH-BR5853 Datasheet
635Kb / 1P
   RF Amplifier Low Noise: <1.8 dB
More results

Similar Description - BR587-60

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B427 EDAL-B427 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
First Components Intern...
GP02 FCI-GP02 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
FV05M FCI-FV05M Datasheet
63Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B412 EDAL-B412 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Edal Industries, Inc.
BT780 EDAL-BT780 Datasheet
51Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
BS697 EDAL-BS697 Datasheet
221Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
B1776 EDAL-B1776 Datasheet
221Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com