Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDD15-12D3U Datasheet(PDF) 8 Page - Chinfa Electronics Ind. Co., Ltd.

Part # IDD15-12D3U
Description  DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

IDD15-12D3U Datasheet(HTML) 8 Page - Chinfa Electronics Ind. Co., Ltd.

  IDD15-12D3U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. IDD15-12D3U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
sales@chinfa.com
IDD15U SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 25.4 x 10.16 mm 2 x 1 x 0.4 inches
Metal
35 g
PIN ASSIGMENT
PIN NO.
SINGLE
Vi+
NO PIN
Vi -
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
60
100
-40
1
mm [inch]
2
4
5
3
GENERAL
DUAL
Vi+
Vi -
Vo +
Vo +
com
Vo -
Vo -
2.54 [0.10]
BOTTOM VIEW
3
1
2
10.16 [0.40]
5.08 [0.20]
4
5
10.16 [0.40]
20.32 [0.80]
10.16 [0.40]
10.16 [0.40]
15.24 [0.60]
BURL AT 4 CORNER
50.80 [2.00]
10.16 [0.4]
DIA 1.00 [0.04]
5.00 [0.20]
www.chinfa.com
71
12&15
3.3V&5V
UL/cUL
UL60950-1
TUV
EN60950-1
CE
EN61204-3(Class A for EMI)
APPROVALS AND STANDARD
2008.09.23


Similar Part No. - IDD15-12D3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD15-12D3U CHINFA-IDD15-12D3U Datasheet
394Kb / 8P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
IDD15-12D3U CHINFA-IDD15-12D3U Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
More results

Similar Description - IDD15-12D3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
IDD15-03S1U CHINFA-IDD15-03S1U_10 Datasheet
394Kb / 8P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com