Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDD10-15D4U Datasheet(PDF) 6 Page - Chinfa Electronics Ind. Co., Ltd.

Part # IDD10-15D4U
Description  DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

IDD10-15D4U Datasheet(HTML) 6 Page - Chinfa Electronics Ind. Co., Ltd.

  IDD10-15D4U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. IDD10-15D4U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
sales@chinfa.com
IDD10U SERIES
CIRCUIT SCHEMATIC
SINGLE & DUAL OUTPUT
Vo -
Vo +
Switching
Device
Opto -
Isolation
Reference &
Error Amp.
PWM
Controller
Vi +
Vi -
Rectifier
Block diagram for IDD10U series with single output
com
Vi +
Vi -
Vo -
Vo +
Switching
Device
PWM
Controller
Opto -
Isolation
Reference &
Error Amp.
Rectifier
Block diagram for IDD10U series with dual output
Rectifier
www.chinfa.com
2008.09.23


Similar Part No. - IDD10-15D4U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-15D4U CHINFA-IDD10-15D4U Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
More results

Similar Description - IDD10-15D4U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com