Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-160-12-42-A-G-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-160-12-42-A-G-TR
Description  SMD CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-160-12-42-A-G-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-160-12-42-A-G-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECX-42
SMD CRYSTAL
The miniature ECX-42 is a compact SMD Crystal. The
4.0 x 2.5 x 0.8 mm ceramic package is ideal for today's
SMD manufacturing environment.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
MIN
TYP
MAX
ECX-42
Pad Connections
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
Aging Characteristics (Per Year)
Operating Temperature
Storage Temperature
Drive Level
Frequency
FO
Frequency Tolerance
Frequency Stability (ref @ 25°C)
Shunt Capacitance
Load Capacitance
Equivalent Series Resistance
Fundamental Model
Specify in P/N
-10 ~ +70°C
@ +25°C
12.000 ~ 19.999 MHz
20.000 ~ 32.0000 MHz
Topr
Tstg
@ +25°C ± 3°C
32.000
± 30 *
± 50 *
5.0
80
60
300
+70
+85
± 5
1
2
3
4
In/Out
Gnd
In/Out
Gnd
12.000
-10
-40
12
+25
MHz
ppm
ppm
pF
pF
µW
°C
°C
ppm
PACKAGE DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-160-12-42-TR
Custom Options
Low Profile
4.0 x 2.5 mm Footprint
Extended Temp. Range Option
RoHS Compliant
ECS - Frequency Abbreviation - Load -
Package Type
- Tolerance
-
Stability - Temp Range
-
Packaging
160 = 16.000 MHz
See P/N Guide for
Std Frequencies
12 = 12.0 pF
S = Series
-42 =
ECX-42
-TR =
Tape & Reel
1K/Reel
Blank= Std
A = ± 25 ppm
C = ± 10 ppm
Blank= Std
D = ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
K = ± 10 ppm
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40~+105°C


Similar Part No. - ECS-160-12-42-A-G-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-12-33-AGN-TR3 ECS-ECS-160-12-33-AGN-TR3 Datasheet
393Kb / 2P
   SMD CRYSTAL
Rev.2021
ECS-160-12-37B-CTN-TR ECS-ECS-160-12-37B-CTN-TR Datasheet
418Kb / 2P
   SMD CRYSTAL
Rev.2022
More results

Similar Description - ECS-160-12-42-A-G-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
   SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
   SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
   SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
   SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
   SMD CRYSTAL
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
   SMD CRYSTAL
Rev.2021
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
   SMD CRYSTAL
CSM-7X-3L ECS-CSM-7X-3L Datasheet
155Kb / 1P
   SMD CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com