Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDD05-03S5 Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # TDD05-03S5
Description  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-03S5 Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-03S5 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.chinfa.com
TDD05 SERIES
DC - DC CONVERTER
5 ~ 6W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
4:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
5 VDC
12 VDC
15 VDC
5 VDC
12 VDC
15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
Single Output Models
5 WATTS
5 WATTS
6 WATTS
6 WATTS
5 WATTS
5 WATTS
6 WATTS
6 WATTS
1500 mA
1000 mA
500 mA
400 mA
1500 mA
1000 mA
500 mA
400 mA
Dual Output Models
5 WATTS
6 WATTS
6 WATTS
5 WATTS
6 WATTS
6 WATTS
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
TDD05 - 03S4
TDD05 - 05S4
TDD05 - 12S4
TDD05 - 15S4
TDD05 - 03S5
TDD05 - 05S5
TDD05 - 12S5
TDD05 - 15S5
10~36 VDC
10~36 VDC
10~36 VDC
10~36 VDC
18~72 VDC
18~72 VDC
18~72 VDC
18~72 VDC
63%
68%
73%
73%
63%
70%
75%
76%
TDD05 - 05D4
TDD05 - 12D4
TDD05 - 15D4
TDD05 - 05D5
TDD05 - 12D5
TDD05 - 15D5
10~36 VDC
10~36 VDC
10~36 VDC
18~72 VDC
18~72 VDC
18~72 VDC
68%
72%
73%
70%
75%
76%
sales@chinfa.com
2007.06.23


Similar Part No. - TDD05-03S5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - TDD05-03S5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com