Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRH100-12 Datasheet(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

Part # VRH100-12
Description  2PH / Single PH AC - DC DIN RAIL MOUNTABLE 100W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

VRH100-12 Datasheet(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  VRH100-12 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. VRH100-12 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. VRH100-12 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. VRH100-12 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
sales@chinfa.com
VRH100 SERIES
www.chinfa.com
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
Io nom
Rated input voltage
Ta min ... Ta max,
Io nom
340
480
P. F. C.
Vi : 500VAC, Io nom
0.6
Line frequency
Inrush current
Vi nom, Io nom
47
Vi nom, Io nom
Io nom
Rated input current
DC IN
AC IN
Vi : 380VAC
Vi : 500VAC
0.75
575
VAC
VAC
820
VDC
63
Hz
A
A
0.55
A
400
500
10
Nominal Voltage
1o or 2o 380 / 480 VAC
INPUT SPECIFICATIONS
2008.08.12
Characteristics
Conditions
min.
unit
Vi nom, Io max
typ.
max.
1
%
%
Minimum load
Line regulation
Vi nom
-0
16
%
%
Load regulation
Temperature coefficient
Ripple & noise
1
o
% / C
0.02
mV
100
Io nom, Vi min ...Vi max
Vi nom, Io nom,BW = 20MHz
Vi nom, Io nom
Hold up time
Vi nom, Io min
20
DC ON indicator
threshold at start up
DC LOW indicator
threshold at start up
Vi nom, Io nom
Vi nom, Io nom
ms
Voltage trim range
%
1
%
Vi nom, Io min ...Io nom
Output voltage accuracy
(Adjusted before shipment)
single mode
Vi nom, Io nom
0
Vi nom, Io nom, Po / Pi
Up to 89%
Efficiency
OUTPUT SPECIFICATIONS
22.5
28.5
VDC
24V model
17.6
17.6
19.4
19.4
VDC
VDC
24V model
24V model
12V model
48V model
11.4
47
14.5
56
VDC
VDC
12V model
48V model
12V model
48V model
10
37
10
37
11.2
43
11.2
43
VDC
VDC
VDC
VDC
12V model
24V model
Over voltage protection
Vi nom, Io nom
Characteristics
Conditions
min.
typ.
max.
unit
Rated over load protection
115
135
%
Vi nom
14.5
17.4
V
30
33
V
Power Rdy
(for 24V model only)
Threshold voltage of contact closed(at start up)
Electrical isolation
Contact rating at 60VDC
17.6
500
19.4
0.3
VDC
VDC
A
Input fuse
2A / 600VAC internal
CONTROL AND PROTECTION
Output short circuit
Vi nom
Current limited
48V model
60
66
V


Similar Part No. - VRH100-12

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
More results

Similar Description - VRH100-12

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRA480-24A CHINFA-DRA480-24A Datasheet
451Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com