Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPUB Datasheet(PDF) 1 Page - ECS, Inc.

Part # LPUB
Description  CERAMIC FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LPUB Datasheet(HTML) 1 Page - ECS, Inc.

  LPUB Datasheet HTML 1Page - ECS, Inc. LPUB Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82
• Center frequency (fo) is available in a range of 450 to 470KHz. The standard tolerance of fo is ±2KHz. For synthesizers and digital indicators, ±1KHz tolerance is also available.
• The LPZ455JL series, with its two directly coupled elements, has a high degree of selectivity. The series features excellent matching characteristics for IFT.
( ) = Typical values
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC FILTERS
CERAMIC FILTERS
7.5
2.5 2.5
3.5
Connection
Input
Ground
Output
3
3
2
2
1
1
LPUB / LPZJL SERIES
CERAMIC FILTER
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
3dB
SELECTIVITY
SELECTIVITY
INSERTION
PART NUMBER
BANDWIDTH (KHz)
-9 KHZ OFF (dB) MIN. +9 KHZ OFF (dB) MIN.
LOSS (dB) MAX.
COMPOSITION
LPU455B - (connected with IFT)
10 ±3
5 (7.5)
3 (5.5)
5 (3)
1 Element with IFT
LPZ455JL - (connected with IFT)
5.5 ±1
18 (20)
18 (20)
7 (3.5)
2 Elements Direct Coupling Type
Figure 1) LPU455B – Front and Side views
7.0
±0.3
Direct Coupled
3
Direct Coupled
4
Ground
5
Connection
Output
6
Ground
2
Input
1
7.0
±0.3
2.5 2.5
3.6
3
2
1
3
2
1
6
5
4
2.5 2.5
Figure 2) LPZ455JL – Front, Side and Bottom views
FEATURES
• AM use
• RoHS Compliant (Note 7 exemption)
PACKAGE DIMENSIONS (mm)
ITEM \ TYPE
LPU
B
LPZ
JL
xyy➂➃➅xyy➂➃
70 T
115 T
7 T
68 T
84 T
14 T
UNLOADED Qu
105
90
TUNING CAPACITY
180pF
180pF
3
4
2
1
6
WINDING SPECIFICATIONS
Bottom
view
LPU 455B
LPZ 455JL
R1
Rg
GROUND
INPUT
OUTPUT
Rg+R1=R2=input/output impedance
S.S.G.
LPU
RF
V.M.
R2
1
2
3
Figure 4) LPU Series – Measuring Circuit
Figure 3) Recommended IFT Specifications
3K
Rg = 50
LPZ
S.S.G.
RF
V.M.
3K
1
6
2
3
4
: Input
: Ground
: Direct Coupled
: Output
1
2
3
5
4
6
5
Figure 5) LPZ Series – Measuring Circuit


Similar Part No. - LPUB

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LPU-100C PAIRUI-LPU-100C Datasheet
986Kb / 8P
   Constant current LED Drivers
LPU-120C PAIRUI-LPU-120C Datasheet
992Kb / 8P
   Constant current LED Drivers
LPU-150C PAIRUI-LPU-150C Datasheet
999Kb / 8P
   Constant current LED Drivers
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
LPU-75C PAIRUI-LPU-75C Datasheet
992Kb / 8P
   Constant current LED Drivers
More results

Similar Description - LPUB

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com