Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-12D3U Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD20-12D3U
Description  DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD20-12D3U Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD20-12D3U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. WDD20-12D3U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.chinfa.com
WDD20U SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
KHz
1,500
VDC
M
100
250
Case temperature
Operating at Vi nom, Io nom
oC
Storage temperature
Non operational
-40
+ 100
+ 100
oC
Derating
o
% / C
-40
oC
+ 60
-40
oC
See derating curve
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
2
%
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
10
%
%
%
Load regulation
o
% / C
Temperature coefficient
Transient recovery time
Vi nom, Io 0 ... Io nom, single output models
Vi nom, Io nom
500
0.02
%
%
S
1
%
single output models
dual output models (each output)
Vi nom, Io min ... Io nom, dual output models
Vi nom, Io nom,
BW = 20MHz
Ripple & noise
Vi nom, Io 0 ...1/2 Io nom
2
5
Voltage trim range
Vi nom
10
%
%
Efficiency
Up to 89%, See model list
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
mV
3.3V output models
12V, 15V & dual
3.3V & 5V output models
5
100
150
mV
+ 71
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Vi nom
5V, 12V, 15V & dual
Vi nom,
Io nom
3.3V & 5V output models
12V, 15V & dual output models
sales@chinfa.com
Case material
Metal
Dimension
L40.6 x W50.8 x H10.2
mm
GENERAL
Cooling
Free air convection
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
18
36
VDC
VDC
Ta min ... Ta max, Io nom
24
No load input current
24V models
mA
Vi nom, Io = 0
Input voltage w/o damage
40
VDC
Io nom
Startup voltage
Io nom
8.5
VDC
VDC
VDC
16
33
Input filter
Pi type
12V models
24V models
48V models
VDC
INPUT SPECIFICATIONS
12V models
48V models
24V models
12V models
48V models
9
35
12
48
30
20
15
18
75
20
80
2008.09.23


Similar Part No. - WDD20-12D3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-12D3U CHINFA-WDD20-12D3U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-12D3U CHINFA-WDD20-12D3U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-12D3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com