Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1838QJ3V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP1838QJ3V
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1838QJ3V Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP1838QJ3V Datasheet HTML 1Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 2Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 3Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 4Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 5Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 6Page - Vishay Siliconix TSOP1838QJ3V Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSOP18..QJ3V
Vishay Telefunken
3 (7)
Rev. 1, 19-Oct-00
www.vishay.com
Document Number 82143
Suitable Data Format
The circuit of the TSOP18..QJ3V is designed in that
way that unexpected output pulses due to noise or
disturbance signals are avoided. A bandpassfilter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal ( not
suppressed) and disturbance signal (supressed) are
carrier frequency, burst length and Signal Gap Time
(see diagram below).
The data signal should fullfill the following condition:
• Carrier frequency should be close to center
frequency of the bandpass (e.g. 38kHz).
• Burst length should be 6 cycles/burst or longer.
• After each burst a gap time of at least 9 cycles is
neccessary.
• The data format should not make a continuous
signal transmission. There must be a Signal Gap Time
(longer than 25ms) at least each 150ms (see Figure A)
Some examples for suitable data format are:
NEC Code (repetitive pulse), NEC Code (repetitive
data), Toshiba Micom Format, Sharp Code, RC5
Code, RECS–80 Code, R–2000 Code.
When a disturbance signal is applied to the
TSOP18..QJ3V it can still receive the data signal.
However the sensitivity is reduced to that level that no
unexpected pulses will occure.
Some examples for such disturbance signals which
are suppressed by the TSOP18..QJ3V are:
• DC light (e.g. from tungsten bulb or sunlight),
• Continuous signal at 38kHz or at any other
frequency,
• Signals from fluorescent lamps (see figure B).
• Continuous IR signal (e.g. 1ms burst, 2ms pause)
0
20
40
60
80
100
120
140
time [ms]
Signal Gap Time
Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 45ms
0
2
4
6
8
10
1214
1618
20
time [ms]
Signal Gap Time
Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms (suppressed by TSOP18..SS3V)


Similar Part No. - TSOP1838QJ3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1838QJ1 VISHAY-TSOP1838QJ1 Datasheet
97Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 05-Jun-00
More results

Similar Description - TSOP1838QJ3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com