Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM-5 Datasheet(PDF) 1 Page - ECS, Inc.

Part # UM-5
Description  QUARTZ CRYSTALS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

UM-5 Datasheet(HTML) 1 Page - ECS, Inc.

  UM-5 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTALS
CRYSTALS
ø 0.35
± 0.05
3.75
± 0.2
7.8 Max.
ø 0.35
± 0.05
3.75
± 0.2
7.8 Max.
ø 0.35
± 0.05
3.75
± 0.2
FEATURES
• Cost effective
• Excellent aging
• Wide frequency range
• Low profile
• Excellent reliability
• Tape and Reel (1,000 pcs)
ECS’s UM 1,5,4 quartz crystals are ideal for use in
compact communication equipment.
UM-1, UM-5, UM-4
QUARTZ CRYSTALS
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
PARAMETERS
UM-1
UM-5
UM-4
FUNDAMENTAL
10.000 ~ 30.000 MHz
FREQUENCY RANGE
3RD OVERTONE
25.000 ~ 90.000 MHz
30.000 ~ 90.000 MHz
FREQUENCY TOLERANCE (@ +25˚C)
See Table 1
FREQUENCY-TEMPERATURE TOLERANCE (@ +25˚C)
See Table 2
OPERATING TEMPERATURE RANGE
TOPR
See Table 2
STORAGE TEMPERATURE RANGE
TSTG
-40 ~ +90˚C
LOAD CAPACITANCE
(CL)
10pF – Series (Customer Specified)
SHUNT CAPACITANCE
(C0)
7 pF max.
DRIVE LEVEL
(DL)
500 µW max.
CRYSTAL CUT
AT-cut
TABLE 2 FREQUENCY-TEMPERATURE TOLERANCE (@ +25˚C)
Tolerance (x 10-6)
FREQUENCY
±3.0
±5.0
±7.5
±10
±15
±20
±30
0 ~ +50˚C
rr
r
r
-10 ~ +60˚C
rr
q
r
-20 ~ +70˚C
rr
r
r
-30 ~ +75˚C
rr
r
-30 ~ +80˚C
rr
q
-35 ~ +80˚C
rr
-40 ~ +85˚C
rr
TABLE 1 FREQUENCY TOLERANCE (@ +25˚C)
Tolerance (x 10-6)
±10
±15
±20
±30
±50
qq
rr
r
TABLE 3 EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
ESR (
Ω)
NOMINAL
FREQUENCY (MHz)
MODE
UM-1
UM-5, UM-4
10 ~ 15
FUNDAMENTAL
40 max.
50 max.
15 ~ 30
FUNDAMENTAL
25 max.
30 max.
25 ~ 30
3rd
50 max.
60 max.
30 ~ 90
3rd
45 max.
60 max.
64.66
12.80
Figure 1) UM-1 Crystal Unit
Side and Bottom view
Figure 2) UM-5 Crystal Unit
Side and Bottom view
Figure 3) UM-4 Crystal Unit
Side and Bottom view
7.8 Max.
q recommended
r available
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE**
ECS
160
20
22
* Load capacitance (xx=xx pF, S= series resonance), ** Package Type examples (22 = UM-1, 21= UM-5, 25 = UM-4)
Note: See Product Selection Guide for additional options.


Similar Part No. - UM-5

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UM-5 MTRONPTI-UM-5 Datasheet
294Kb / 3P
   Miniature resistance weld package
logo
Abracon Corporation
UM-5 ABRACON-UM-5 Datasheet
384Kb / 1P
   COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
List of Unclassifed Man...
UM-5 ETC2-UM-5 Datasheet
193Kb / 1P
   QUARTZ CRYSTAL RESONATOR
logo
AEL Crystals Ltd
UM-5 AEL-UM-5 Datasheet
141Kb / 1P
   Miniature Crystals
logo
Shoulder Electronics Li...
UM-5 SHOULDER-UM-5 Datasheet
94Kb / 3P
   CRYSTAL FILTER
More results

Similar Description - UM-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT57C VISHAY-XT57C_07 Datasheet
92Kb / 3P
   Quartz Crystals
Revision: 18-Oct-07
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
   Quartz Crystals
01-Jan-2022
logo
List of Unclassifed Man...
HC49153020SR3RDBUT ETC2-HC49153020SR3RDBUT Datasheet
224Kb / 31P
   SPECIFYING QUARTZ CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com