Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1871IMS-7-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1871IMS-7-TRPBF
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1871IMS-7-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1871IMS-7-TRPBF Datasheet HTML 5Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 6Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 7Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 8Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 9Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 10Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 11Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 12Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC1871-7
9
18717fc
OPERATION
In applications where fixed frequency operation is more
critical than low current efficiency, or where the lowest
output ripple is desired, pulse-skip mode operation should
be used and the MODE/SYNC pin should be connected
to the INTVCC pin. This allows discontinuous conduction
mode (DCM) operation down to near the limit defined
by the chip’s minimum on-time (about 175ns). Below
this output current level, the converter will begin to skip
cycles in order to maintain output regulation. Figures 3
and 4 show the light load switching waveforms for Burst
Mode and pulse-skip mode operation for the converter
in Figure 1.
Burst Mode Operation
Burst Mode operation is selected by leaving the MODE/
SYNC pin unconnected or by connecting it to ground. In
normal operation, the range on the ITHpincorrespondingto
no load to full load is 0.30V to 1.2V. In Burst Mode opera-
tion, if the error amplifier EA drives the ITH voltage below
0.525V, the buffered ITH input to the current comparator
C1 will be clamped at 0.525V (which corresponds to 25%
of maximum load current). The inductor current peak is
then held at approximately 30mV divided by the power
MOSFET RDS(ON). If the ITH pin drops below 0.30V, the
Burst Mode comparator B1 will turn off the power MOSFET
and scale back the quiescent current of the IC to 250μA
(sleep mode). In this condition, the load current will be
supplied by the output capacitor until the ITH voltage rises
above the 50mV hysteresis of the burst comparator. At
light loads, short bursts of switching (where the average
inductor current is 20% of its maximum value) followed
by long periods of sleep will be observed, thereby greatly
improving converter efficiency. Oscilloscope waveforms il-
lustrating Burst Mode operation are shown in Figure 3.
Pulse-Skip Mode Operation
With the MODE/SYNC pin tied to a DC voltage above 2V,
Burst Mode operation is disabled. The internal, 0.525V
buffered ITH burst clamp is removed, allowing the ITH
pin to directly control the current comparator from no
load to full load. With no load, the ITH pin is driven below
0.30V, the power MOSFET is turned off and sleep mode
is invoked. Oscilloscope waveforms illustrating this mode
of operation are shown in Figure 4.
When an external clock signal drives the MODE/SYNC
pin at a rate faster than the chip’s internal oscillator, the
oscillator will synchronize to it. In this synchronized mode,
Burst Mode operation is disabled. The constant frequency
associated with synchronized operation provides a more
controlled noise spectrum from the converter, at the ex-
pense of overall system efficiency of light loads.
When the oscillator’s internal logic circuitry detects a
synchronizing signal on the MODE/SYNC pin, the in-
ternal oscillator ramp is terminated early and the slope
compensation is increased by approximately 30%. As
a result, in applications requiring synchronization, it is
recommended that the nominal operating frequency of
the IC be programmed to be about 75% of the external
clock frequency. Attempting to synchronize to too high an
Figure 3. LTC1871-7 Burst Mode Operation
(MODE/SYNC = 0V) at Low Output Current
Figure 4. LTC1871-7 Low Output Current Operation with
Burst Mode Operation Disabled (MODE/SYNC = INTVCC)
VOUT
50mV/DIV
IL
5A/DIV
10μs/DIV
18717 F03
MODE/SYNC = 0V
(Burst Mode OPERATION)
VOUT
50mV/DIV
IL
5A/DIV
2μs/DIV
18717 F04
MODE/SYNC = INTVCC
(PULSE SKIP MODE)


Similar Part No. - LT1871IMS-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1871IMS-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com