Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1871IMS-7-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1871IMS-7-TRPBF
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1871IMS-7-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1871IMS-7-TRPBF Datasheet HTML 6Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 7Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 8Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 9Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 10Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 11Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 12Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 13Page - Linear Technology LT1871IMS-7-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC1871-7
10
18717fc
external frequency (above 1.3fO) can result in inadequate
slope compensation and possible subharmonic oscillation
(or jitter).
The external clock signal must exceed 2V for at least 25ns,
and should have a maximum duty cycle of 80%, as shown
in Figure 5. The MOSFET turn on will synchronize to the
rising edge of the external clock signal.
Programming the Operating Frequency
The choice of operating frequency and inductor value is
a tradeoff between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET and diode switching losses. However, lower
frequency operation requires more inductance for a given
amount of load current.
The LTC1871-7 uses a constant frequency architecture that
can be programmed over a 50kHz to 1000kHz range with
a single external resistor from the FREQ pin to ground, as
shown in Figure 1. The nominal voltage on the FREQ pin is
0.6V, and the current that flows into the FREQ pin is used
to charge and discharge an internal oscillator capacitor. A
graph for selecting the value of RT for a given operating
frequency is shown in Figure 6.
INTVCC Regulator Bypassing and Operation
An internal, P-channel low dropout voltage regulator
produces the 7V supply which powers the gate driver and
OPERATION
logic circuitry within the LTC1871-7, as shown in Figure 7.
The INTVCC regulator can supply up to 50mA and must be
bypassed to ground immediately adjacent to the IC pins
with a minimum of 4.7μF tantalum or ceramic capacitor.
Good bypassing is necessary to supply the high transient
currents required by the MOSFET gate driver.
The LTC1871-7 contains an undervoltage lockout circuit
which protects the external MOSFET from switching at low
gate-to-source voltages. This undervoltage circuit senses
the INTVCC voltage and has a 5.6V rising threshold and a
4.6V falling threshold.
For input voltages that don’t exceed 8V (the absolute
maximum rating for INTVCC is 9V), the internal low dropout
regulator in the LTC1871-7 is redundant and the INTVCC
pin can be shorted directly to the VIN pin. With the INTVCC
pin shorted to VIN, however, the divider that programs the
regulated INTVCC voltage will draw 14μA of current from
the input supply, even in shutdown mode. For applications
that require the lowest shutdown mode input supply cur-
rent, do not connect the INTVCC pin to VIN. Regardless
of whether the INTVCC pin is shorted to VIN or not, it is
always necessary to have the driver circuitry bypassed
with a 4.7μF ceramic capacitor to ground immediately
adjacent to the INTVCC and GND pins.
In an actual application, most of the IC supply current is
used to drive the gate capacitance of the power MOSFET.
As a result, high input voltage applications in which a
large power MOSFET is being driven at high frequencies
Figure 5. MODE/SYNC Clock Input and Switching
Waveforms for Synchronized Operation
Figure 6. Timing Resistor (RT) Value
18717 F05
2V TO 7V
MODE/
SYNC
GATE
IL
tMIN = 25ns
0.8T
D = 40%
T
T = 1/fO
FREQUENCY (kHz)
100
300
1000
18717 F06
10
100
200
1000
900
800
700
600
500
400
0


Similar Part No. - LT1871IMS-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1871IMS-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com