Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD30-12S2U Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD30-12S2U
Description  DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD30-12S2U Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD30-12S2U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD30-12S2U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD30-12S2U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD30-12S2U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
WDD30U SERIES
DC - DC CONVERTER
23 ~ 30W SINGLE & DUAL OUTPUT
FEATURES
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
+ 5 VDC
+ 12 VDC
+ 15 VDC
EFF.
(typ.)
Single Output Models
12 VDC
15 VDC
LOW COST
2:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
Dual Output Models
WDD30 - 05S2U
WDD30 - 12S2U
WDD30 - 15S2U
18~36 VDC
18~36 VDC
18~36 VDC
25 WATTS
30 WATTS
30 WATTS
5000 mA
2500 mA
2000 mA
86%
88%
89%
+3.3 VDC
WDD30 - 03S2U
18~36 VDC
23 WATTS
7000 mA
82%
80%
84%
86%
87%
WDD30 - 12D2U
WDD30 - 15D2U
18~36 VDC
18~36 VDC
30 WATTS
30 WATTS
1250 mA
1000 mA
88%
89%
86%
87%
sales@chinfa.com
+3.3 VDC
WDD30 - 03S1U
9~18 VDC
23 WATTS
7000 mA
81%
79%
WDD30 - 05S1U
9~18 VDC
25 WATTS
5000 mA
85%
83%
WDD30 - 12S1U
9~18 VDC
30 WATTS
2500 mA
84%
82%
WDD30 - 15S1U
9~18 VDC
30 WATTS
2000 mA
85%
83%
+3.3 VDC
WDD30 - 03S3U
35~75 VDC
23 WATTS
7000 mA
83%
81%
WDD30 - 05S3U
35~75 VDC
25 WATTS
5000 mA
86%
84%
WDD30 - 12S3U
35~75 VDC
30 WATTS
2500 mA
88%
86%
WDD30 - 15S3U
35~75 VDC
30 WATTS
2000 mA
89%
87%
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
5 VDC
WDD30 - 05D2U
18~36 VDC
25 WATTS
2500 mA
86%
84%
12 VDC
15 VDC
WDD30 - 12D1U
WDD30 - 15D1U
9~18 VDC
9~18 VDC
30 WATTS
30 WATTS
1250 mA
1000 mA
85%
86%
83%
84%
5 VDC
WDD30 - 05D1U
9~18 VDC
25 WATTS
2500 mA
84%
82%
12 VDC
15 VDC
WDD30 - 12D3U
WDD30 - 15D3U
35~75 VDC
35~75 VDC
30 WATTS
30 WATTS
1250 mA
1000 mA
88%
89%
86%
87%
5 VDC
WDD30 - 05D3U
35~75 VDC
25 WATTS
2500 mA
86%
84%
2008.09.23


Similar Part No. - WDD30-12S2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD30-12S2U CHINFA-WDD30-12S2U Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-12S2U CHINFA-WDD30-12S2U Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD30-12S2U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Chinfa Electronics Ind....
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com