Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA960-24 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WRA960-24
Description  3PH AC - DC DIN RAIL MOUNTABLE 960W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WRA960-24 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  WRA960-24 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
WRA960 SERIES
sales@chinfa.com
DERATING
o
Temperature [ C ]
0
100
71
-25
65
61
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
CE
UL / cUL
TUV
UL508 Listed, UL60950-1 Recognized
EN60950-1
EN61000-6-3, EN55022 class B
EN61000-3-2, EN61000-3-3
EN61000-6-2, EN55024
APPROVALS AND STANDARDS
PHYSICAL CHARACTERISTICS
125.9 x 275.8 x 118.2 mm (4.96 x 10.86 x 4.65 inches)
CASE SIZE
SCREW TERMINAL TYPE
3.2kg
WEIGHT
CIRCUIT SCHEMATIC
Block diagram for WRA960 series
Fuse2
Vo -
Vo +
L1
L3
Fuse1
PWM
Controller
Switching
Device
Rectifier
Current
Detection
Reference &
Error Amp.
Y
Vout ADJ.
P.F.C
Circuit
Parallel
Controller
Filter
DC LOW
DC ON
RDY
Parallel
L2
Fuse3
Filter
X
Bridge
Rectifier
X
X
Output
Level
Detection
Filter
Bias
Power
2008.08.13
EN61204-3


Similar Part No. - WRA960-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA960-24 CHINFA-WRA960-24 Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24-48 CHINFA-WRA960-24-48 Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24L CHINFA-WRA960-24L Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24L CHINFA-WRA960-24L Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24 CHINFA-WRA960-24_10 Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - WRA960-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA120-12 CHINFA-WRA120-12 Datasheet
300Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24 Datasheet
371Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
WRA480-24 CHINFA-WRA480-24 Datasheet
365Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
WRA960 CHINFA-WRA960_15 Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24_10 Datasheet
343Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24 CHINFA-WRA960-24_10 Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
WRA480-24 CHINFA-WRA480-24_10 Datasheet
298Kb / 4P
   3PH AC - DC RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com