Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA960-24L Datasheet(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WRA960-24L
Description  3PH AC - DC DIN RAIL MOUNTABLE 960W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WRA960-24L Datasheet(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  WRA960-24L Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24L Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24L Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WRA960-24L Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24V model
48V model
Over voltage protection
Vi nom, Io nom
Characteristics
Conditions
min.
typ.
max.
unit
Rated over load protection
110
130
%
Vi nom
Output short circuit
30
33
V
60
68
V
Power Rdy
(for 24V model only)
Threshold voltage of contact closed(at start up)
Electrical isolation
Contact rating at 60VDC
17.6
500
19.4
0.3
VDC
VDC
A
Input fuse
T5A / 500VAC internal / phase
CONTROL AND PROTECTION
Vi nom
(Shut down O/P voltage, re-power
on to recover)
Current limited
Over temperature
Detect on heatsink, shut down O/P
voltage, recovers automatically after
temperature goes down.
100
110
oC
*2
sales@chinfa.com
WRA960 SERIES
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
www.chinfa.com
*1. Single phase input is permissible, but output is derated to 75%.
*2. 24L model no this function.
-24, -48 Models
-24L Model
A
50
A
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
Io nom
Rated input voltage
Ta min ... Ta max,
Io nom
340
480
P. F. C.
Vi : 500VAC, Io nom
0.7
Line frequency
Inrush current
Vi nom, Io nom
47
Vi nom, Io nom, cold start
Io nom
Rated input current
DC IN
AC IN
Vi : 380VAC
Vi : 500VAC
2.4
575
VAC
VAC
820
VDC
63
Hz
A
A
1.6
A
400
500
30
Nominal Voltage
1o or 3o 380 / 480 VAC
INPUT SPECIFICATIONS
*1
Characteristics
Conditions
min.
unit
Vi nom, Io max
typ.
max.
+ 1
%
%
Minimum load
Line regulation
Vi nom
-0
%
%
Load regulation
Temperature coefficient
Ripple & noise
1
o
% / C
0.02
mV
80
Io nom, Vi min ...Vi max
Vi nom, Io nom,BW = 20MHz
Vi nom, Io nom
Hold up time
Vi nom, Io min
22.5
DC ON indicator
threshold at start up
Vi nom, Io nom
28.5
Voltage trim range
%
1
%
%
Vi nom,
Io min ...Io nom
DC LOW indicator
threshold after start up
Output voltage accuracy
(Adjusted before shipment)
single mode
parallel mode
Vi nom, Io nom
Vi nom, Io nom
0.9 Io max
0
17.6
17.6
5
19.4
19.4
2
VDC
VDC
unit
VDC
Vi nom, Io nom, Po / Pi
Up to 93%
Efficiency
Parallel operation
24V model
48V model
24V model
48V model
24V model
48V model
47
56
VDC
37
43
VDC
37
43
VDC
*2
400VAC
500VAC
OUTPUT SPECIFICATIONS
14
ms
28
ms
15
30
2008.08.13


Similar Part No. - WRA960-24L

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA960-24L CHINFA-WRA960-24L Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24L CHINFA-WRA960-24L Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - WRA960-24L

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA120-12 CHINFA-WRA120-12 Datasheet
300Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24 Datasheet
371Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
WRA480-24 CHINFA-WRA480-24 Datasheet
365Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
WRA960 CHINFA-WRA960_15 Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24_10 Datasheet
343Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24 CHINFA-WRA960-24_10 Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
WRA480-24 CHINFA-WRA480-24_10 Datasheet
298Kb / 4P
   3PH AC - DC RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com