Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT6.5MB Datasheet(PDF) 1 Page - ECS, Inc.

Part # XT6.5MB
Description  CERAMIC TRAP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

XT6.5MB Datasheet(HTML) 1 Page - ECS, Inc.

  XT6.5MB Datasheet HTML 1Page - ECS, Inc. XT6.5MB Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
84
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC TRAPS
CERAMIC TRAPS
3.0
±1
2.5
±0.2
7.0
±2
0.3
±0.01
0.6
±0.1
1
2
3
Connection
Input
Ground
Output
3
2
1
XT SERIES
CERAMIC TRAP
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
TRAP ATTENUATION
20 dB Band Width
30 dB BAND WIDTH
PART NUMBER
(AT NORMAL CENTER FREQUENCY)
(KHz)
(KHz)
(dB) MIN.
MIN.
MIN.
XT4.5MB
35(45)
50(80)
XT5.5MB
35(45)
50(80)
XT6.0MB
35(45)
70(120)
XT6.5MB
35(45)
70(120)
Figure 1) XT Series – Front and Side views
The XT Series is a ceramic trap for TV 4.5 /
5.5 / 6.0 / 6.5 MHz. (TV SIF stage use)
FEATURES
• Wide bandwidth
• Low insertion loss
• Excellent spurious suppression characteristics
• RoHS Compliant (Note 7 exemption)
S.S.G.
300
15 pH
Rg = 50
50
RF
V.M.
1K
Figure 2) XT Series - Measuring Circuit
Frequency Characteristics
Frequency (MHz)
Attenuation (dB)
0
10
20
30
40
50
60
70
4.00
4.25
4.50
4.75
5.00
Figure 3) XT Series – Characteristics
PACKAGE DIMENSIONS (mm)
• The level @ 1 MHz shall be the (0 dB) reference.
( ) = Typical values


Similar Part No. - XT6.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT6.5MB EUROQUARTZ-XT6.5MB Datasheet
42Kb / 1P
   CERAMIC TRAP
logo
Token Electronics Indus...
XT6.5MB TOKEN-XT6.5MB Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
XT6.5MBP TOKEN-XT6.5MBP Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
More results

Similar Description - XT6.5MB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
   Ceramic Trap
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
   CERAMIC TRAP
logo
Vanlong Technology Co.,...
XT_M VANLONG-XT_M Datasheet
22Kb / 1P
   Ceramic Trap
logo
Token Electronics Indus...
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
   CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
   CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
logo
Oscilent Corporation
754-4.47M OSCILENT-754-4.47M Datasheet
132Kb / 2P
   Ceramic Trap Double/Triple Peak
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
   Ceramic XT Trap For TV/VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com