Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1830SI3V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP1830SI3V
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1830SI3V Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP1830SI3V Datasheet HTML 1Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 2Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 3Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 4Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 5Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 6Page - Vishay Siliconix TSOP1830SI3V Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSOP18..SI3V
Vishay Telefunken
Rev. 1, 26-Jun-00
www.vishay.com
Document Number 82134
2 (7)
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Supply Voltage
(Pin 3)
VS
–0.3...6.0
V
Supply Current
(Pin 3)
IS
5
mA
Output Voltage
(Pin 1)
VO
–0.3...6.0
V
Output Current
(Pin 1)
IO
5
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
–25...+85
°C
Operating Temperature Range
Tamb
–25...+85
°C
Power Consumption
(Tamb x 85 °C)
Ptot
50
mW
Soldering Temperature
t
x 10 s, 1 mm from case
Tsd
260
°C
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Current (Pin 3)
VS = 3 V, Ev = 0
ISD
0.5
0.75
1.0
mA
y(
)
VS = 3 V, Ev = 40 klx, sunlight
ISH
1.0
mA
Supply Voltage (Pin 3)
VS
3.0
6.0
V
Transmission Distance
Ev = 0, test signal see fig.6,
IR diode TSAL6200, IF = 300 mA
d
35
m
Output Voltage Low (Pin 1)
IOSL = 0.5 mA,
Ee = 0.7 mW/m2, f = fo
VOSL
250
mV
Irradiance (30 – 40 kHz)
Pulse width tolerance: tpi – 4/fo <
tpo < tpi + 5/fo, test signal see fig.6
Ee min
0.3
0.5
mW/m2
Irradiance (56 kHz)
Pulse width tolerance: tpi – 4/fo <
tpo < tpi + 5/fo, test signal see fig.6
Ee min
0.4
0.7
mW/m2
Irradiance
Ee max
30
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
±45
deg
Application Circuit
15803
TSAL62..
TSOP18..SI3V
3
1
2
4.7
mF *)
mC
>10 k
W
recomm.
330
W *)
+ 3 V **)
*) only necessary to suppress power supply disturbances
**) tolerated supply voltage range : 3 V< VS <6V
GND


Similar Part No. - TSOP1830SI3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI1 VISHAY-TSOP1830SI1 Datasheet
131Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 13-Jun-00
More results

Similar Description - TSOP1830SI3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com