Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-70K20A Datasheet(PDF) 3 Page - ECS, Inc.

Part # ECS-70K20A
Description  MONOLITHIC CRYSTAL FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-70K20A Datasheet(HTML) 3 Page - ECS, Inc.

  ECS-70K20A Datasheet HTML 1Page - ECS, Inc. ECS-70K20A Datasheet HTML 2Page - ECS, Inc. ECS-70K20A Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
76
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTAL FILTERS
CRYSTAL FILTERS
MONOLITHIC CRYSTAL Filters
A
A
OUT
L
1.5
GND
IN
GND
Attenuation
(dB)
(
µ sec)
Stopband width
Stopband width
Attenuation
curve
Group
delay curve
Ripple
Frequency
Loss
fo
Nominal
frequency
Passband
width
Group delay
time
Attenuation
guaranteed
Specified
attenuation
Attenuation
t
Group delay
distortion
Spurious response
SG
MCF
C
LM
C
Zt
Zt
2-POLE MCF
Zt: Terminating Impedance
SG
MCF
C
LM
C
Zt
Zt
4-POLE MCF
Zt: Terminating Impedance
MCF
C
Dot mark
ø 0.43
4.7
11.1 Max.
4.88
± 0.2
Figure 1) HC-49/U
ø 0.35
7.3 Max.
8.0
2.5 Max.
3.75
±0.2
GND
Figure 2) UM-1
Figure 5) MCF Test Circuits
Figure 4) SC Pkg with Dimensional Chart
Figure 3) MCF Characteristics Curve
DIMENSIONS AND ELECTRICAL DIAGRAMS (mm)
DIMENSIONS (mm)
CASE
LW
H
A
B
D
SC-1
11
8.5
11.5
7.4
2.0
0.30
SC-2
13.4
8.5
11.5
9.8
2.0
0.30
SC-3
15
12.0 15.0
9.0
2.5
0.43
SC-4
18.5 12.0 15.0
13.4
2.5
0.43
SC-5
23.0 12.0 15.0
17.8
2.5
0.43
NOMINAL
NUMBER
PASSBAND
RIPPLE
INSERTION
STOPBAND
STOPBAND
GUARANTEED
TERMINATING
MODEL
FREQ. (fO)
OF
3dB MIN.
MAX.
LOSS MAX.
MAX.
MAX.
ATTENUATION
IMPEDANCE
CASE
(MHz)
POLES
(KHz)
(dB)
(dB)
(dB) (KHz)
(dB) (KHz)
(dB) (fO ±KHz)
(Ohms/pF)
ECS-70K15A
70.0
2
±7.5
1.0
2.5
15 ±25
35
-910
2000//-1.0
UM-1
ECS-70K15B
70.0
4
±7.5
1.0
4.0
40 ±35
70
±910
2000//-1.0
UM-1 x 2
ECS-70K20A
70.0
2
±10
1.0
2.5
15 ±28
35
-910
2500//-1.0
UM-1
ECS-70K20B
70.0
4
±10
1.0
4.0
35 ±40
70
±910
2500//-1.0
UM-1 x 2
ECS-90M20A
90.0
2
±10
1.0
2.5
15 ±30
35
-910
2500//-1.0
UM-1
ECS-90M20B
90.0
4
±10
1.0
4.0
30 ±30
70
±910
2500//-1.0
UM-1 x 2
70 MHz & 90 MHz Monolithic Crystal Filters (Operating Temperature -20 to +70˚C)
NOMINAL
NUMBER
PASSBAND
RIPPLE
INSERTION
STOPBAND
STOPBAND
GUARANTEED
TERMINATING
MODEL
FREQ. (fO)
OF
3dB MIN.
MAX.
LOSS MAX.
MAX.
MAX.
ATTENUATION
IMPEDANCE
CASE
(MHz)
POLES
(KHz)
(dB)
(dB)
(dB) (KHz)
(dB) (KHz)
(dB) (fO ±KHz)
(Ohms/pF)
ECS-55K15A
55.0
2
±7.5
1.0
2.0
15 ±25
70
-910
600//3.0
UM-1
ECS-55K15B
55.0
4
±7.5
1.0
3.0
30 ±25
90
±910
600//1.5
UM-1 x 2
ECS-55K20A
55.0
2
±10
1.0
2.0
15 ±30
75
-910
910//2.5
UM-1
ECS-55K20B
55.0
4
±10
1.0
3.0
25 ±25
90
±910
910//1.0
UM-1 x 2
ECS-55K30A
55.0
2
±15
1.0
2.0
15 ±50
70
-910
1200//1.5
UM-1
ECS-55K30B
55.0
4
±15
1.0
3.0
30 ±50
90
±910
1200//0.7
UM-1 x 2
ECS-55K32A
55.0
2
±16
0.5
2.5
4 ±29.5
65
-910
1250//1.3
UM-1
ECS-55K32B
55.0
4
±16
1.0
5.0
30 ±52
80
±910
1250//0.5
UM-1 x 2
55 MHz Monolithic Crystal Filters (Operating Temperature -20 to +70˚C)


Similar Part No. - ECS-70K20A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-73-20-5PX-TR ETC2-ECS-73-20-5PX-TR Datasheet
153Kb / 1P
   SMD Quartz Crystal
logo
ECS, Inc.
ECS-75SMF ECS-ECS-75SMF Datasheet
169Kb / 1P
   SMD CRYSTAL FILTER
ECS-75SMF45A20B ECS-ECS-75SMF45A20B Datasheet
169Kb / 1P
   SMD CRYSTAL FILTER
ECS-75SMF45A20B ECS-ECS-75SMF45A20B Datasheet
175Kb / 2P
   SMD CRYSTAL FILTER
ECS-75SMF45A30B ECS-ECS-75SMF45A30B Datasheet
169Kb / 1P
   SMD CRYSTAL FILTER
More results

Similar Description - ECS-70K20A

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com