Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XKM23440 Datasheet(PDF) 1 Page - celduc-relais

Part # XKM23440
Description  Solid State Relay for DIN rail fixation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

XKM23440 Datasheet(HTML) 1 Page - celduc-relais

  XKM23440 Datasheet HTML 1Page - celduc-relais XKM23440 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XKM23440
12-35 VDC control
4A/ 400VAC output
L1
L2
L3
L1
T1
L2
T2
L3
T3
Rc
A1 +
A1 -
page 1 / 2 F/GB
S/INT/XKM23440/A/28/07/1999
celduc
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
Relais Statique/Montage sur rail DIN
Solid State Relay for DIN rail fixation
Caractéristiques de commande (à 20°C) / Control characteristics (at 20°C)
DC
Parameter
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage
Uc
12
35
V
Courant de commande / Control current (@ Uc nom )
Ic
7,5
30
mA
Tension de relachement/Release voltage
Uc off
6
V
Résistance interne / Input internal resistor
fig.1
Rc
1000
Caractéristiques d'entrée-sortie (à 20°C) / Input-output characteristics (at 20°C)
Isolement entrée-sortie / Input-output isolation
Uiso
4000
Vrms
Capacité entrée-sortie / Input-output capacity
Ciso
3
pF
Caractéristiques thermiques / thermal characteristics
Parameter
Conditions
Symbol
Typ.
Température de stockage /Storage temperature
-40 +150
°C
Plage de température de fonctionnement /Operating temperature range
Tc max
-40 +80
°C
Caractéristiques générales / General characteristics
Poids/Weight
30
g
29
53
±0,4
±0,4
47,5±0,2
T1 T2 T3
L2
L3
L1
24-460VAC
2,5A AC1/AC3
A2- A1+
Aplication typique/Typical application
• New generation of SSR for DIN rail fixation.
• 3 legs relay with one control.
• Control visualization by LED.
• Zero-cross AC Output.
• Integrated clamping voltage.
• High immunity level.
• Gamme prêt à l'emploi: Relais montable sur rail DIN .
• Relais triphasé avec commande commune.
• Visualisation de commande par LED.
• Sortie AC syncrhone.
• Ecrêteur de surtension intégré.
• Haute immunité aux perturbations extérieures.
0
5
10
15
20
25
30
35
0
0
5
10
15
20
25
30
0
Uc(V)
fig. 1 :Caractéristique d'entrée /
Control characteristic


Similar Part No. - XKM23440

ManufacturerPart #DatasheetDescription
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
More results

Similar Description - XKM23440

ManufacturerPart #DatasheetDescription
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
   Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
   Solid State Relay for DIN rail fixation
XKR24440 CELDUC-XKR24440 Datasheet
100Kb / 2P
   Solid State Relay for DIN rail fixation
XKRD30506 CELDUC-XKRD30506 Datasheet
368Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420 CELDUC-XKA20420 Datasheet
354Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420D CELDUC-XKA20420D Datasheet
185Kb / 2P
   Solid State Relay for DIN rail fixation
XKD10120 CELDUC-XKD10120 Datasheet
359Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com