Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS12S-NNN-064 Datasheet(PDF) 1 Page - Emerson Network Power

Part # HPS12S-NNN-064
Description  HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS12S-NNN-064 Datasheet(HTML) 1 Page - Emerson Network Power

  HPS12S-NNN-064 Datasheet HTML 1Page - Emerson Network Power HPS12S-NNN-064 Datasheet HTML 2Page - Emerson Network Power HPS12S-NNN-064 Datasheet HTML 3Page - Emerson Network Power HPS12S-NNN-064 Datasheet HTML 4Page - Emerson Network Power HPS12S-NNN-064 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev 08.25.04
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
152
Special Features
Electrical Specs
1000-6000 Watts
HPS10/12/15 Series
• Integrated OR-ing diode
• Remote Sense on Bulk output
• Overload protection on all outputs
• Active Inrush limiting
• PFC to 0.99 typical EN61000-3-2
• CISPR22, EN55022 Curve B
conducted/radiated EMI
• EN61000 immunity standards
• Optional 48 W fan voltage (12 V or 24 V)
• Standard 5 V at 5 A standby voltage (3.3V option)
• No minimum load
• Overvoltage protection
• Input OK signal and indicator LED
• Inhibit/Enable
• Remote Margin/Voltage Programming
• Optional current monitor
• Optional AC Line discrimination
• Output Good signal and indicator LED
• Temp good signal and indicator LED
• Optional single wire digital temp monitor
• Optional module I
2C interface
• Optional Rack µController
•Hot Plug
• N+1 Redundant Standard
• Optional fan fail signal
• Module present signal
• Optional short circut latch
Input
Input voltage
85-264 VAC*
Frequency
47-440 Hz
Inrush current
40 A peak max.
Efficiency
85% typ @ full case load 230 VAC
Power factor
0.99 typical meets EN61000-3-2
Turn-on time
AC on 1.5 sec. typical, Inhibit /
Enable 100 ms typical
EMI filter standard
CISPR 22 EN55022 Level “B”
Leakage current standard 2 mA max @ 264 VAC @ 60Hz
(per module)
Radiated EMI
CISPR 22 EN55022 Level “B”
Holdup time
20 ms minimum
(independent of input VAC)
AC OK
>5 ms early warning min. before
outputs lose regulation; Full cycle
ride thru (50 Hz)
Harmonic distortion
Meets EN61000-3-2
Isolation
Meets EN60950
* see modules table on the next page
Output
Margining
±5% of nominal
Overall reg
1%
Ripple
1% of Vout Pk-Pk limited to 20 MHz
Dynamic response
2% with 25% load step
Recovery time
To within 1% in <300 µsec
Overcurrent protection
105-120% of rated output current
Short circuit protection
Protected for continuous short
circuit. Recovery is automatic upon
removal of short
Overvoltage protection
105-120% . Recycle AC input voltage
to reset OVP circuit
Reverse voltage
protection
100% of rated output current
Thermal protection
Main and Aux disabled when internal
temp exceeds safe operating range.
Remote sense
Up to 0.5 V total drop
Single wire parallel
Current share to within 10% of total
rated current
DC OK
±5% of nominal
Minimum load
Not required
Standby voltage
5 VDC @5A max. present whenever
AC input is applied (3.3 V @ 5A
optional)
Global Inhibit/Enable
Logic “0” standard logic “1” optional
Operating temperature: -10°C to +50°C ambient,
derate output @ 2.5% per degree from 50°C to 70°C
Shock/Vibration: Mil-Hdbk 810E
Humidity: 95% non-condensing
Storage temperature: -40°C to +85°C
Temperature coefficient: 0.02% per °C
Cooling: Internal DC fan
MTBF (Calculated): 200 KHrs; 25°C, 200 VAC input,
nominal O/P voltage, full load
Safety:
UL / CSA UL60950 3rd Ed and CSA C22.2 60950
TUV
EN60950
CB
Certificate and report
CE
Mark
Environmental & Safety


Similar Part No. - HPS12S-NNN-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS12S-NNN000 ASTEC-HPS12S-NNN000 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS12S-NNN001 ASTEC-HPS12S-NNN001 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS12S-NNN002 ASTEC-HPS12S-NNN002 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS12S-NNN004 ASTEC-HPS12S-NNN004 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
More results

Similar Description - HPS12S-NNN-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Lite-On Technology Corp...
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
   15” Touch Display Monitor, DC 12~30V
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
logo
WAGO Kontakttechnik Gmb...
756-3201-120-150 WAGO-756-3201-120-150 Datasheet
100Kb / 3P
   Connecting cable; 12-pole; Length: 15 m
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com