Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2240IUP-10-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2240IUP-10-PBF
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240IUP-10-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2240IUP-10-PBF Datasheet HTML 1Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 2Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 3Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 4Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 5Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 6Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 7Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 8Page - Linear Technology LTC2240IUP-10-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2240-10
1
224010fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
10-Bit, 170Msps ADC
The LTC®2240-10 is a 170Msps, sampling 10-bit A/D con-
verter designed for digitizing high frequency, wide dynamic
range signals. The LTC2240-10 is perfect for demanding
communications applications with AC performance that
includes 60.6dB SNR and 80dB SFDR. Ultralow jitter of
95fsRMS allows IF undersampling with excellent noise
performance.
DC specs include ±0.3LSB INL (typ), ±0.1LSB DNL (typ)
and no missing codes over temperature.
The digital outputs can be either differential LVDS, or
single-ended CMOS. There are three format options for
the CMOS outputs: a single bus running at the full data
rate or two demultiplexed buses running at half data rate
with either interleaved or simultaneous update. A separate
output power supply allows the CMOS output swing to
range from 0.5V to 2.625V.
The ENC+ and ENCinputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL, or CMOS
inputs. An optional clock duty cycle stabilizer allows high
performance over a wide range of clock duty cycles.
SNR vs Input Frequency
n Sample Rate: 170Msps
n 60.6dB SNR
n 80dB SFDR
n 1.2GHz Full Power Bandwidth S/H
n Single 2.5V Supply
n Low Power Dissipation: 445mW
n LVDS, CMOS, or Demultiplexed CMOS Outputs
n Selectable Input Ranges: ±0.5V or ±1V
n No Missing Codes
n Optional Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Data Ready Output Clock
n Pin Compatible Family
250Msps: LTC2242-12 (12-Bit), LTC2242-10 (10-Bit)
210Msps: LTC2241-12 (12-Bit), LTC2241-10 (10-Bit)
170Msps: LTC2240-12 (12-Bit), LTC2240-10 (10-Bit)
185Msps: LTC2220-1 (12-Bit)*
170Msps: LTC2220 (12-Bit), LTC2230 (10-Bit)*
135Msps: LTC2221 (12-Bit), LTC2231 (10-Bit)*
n 64-Pin 9mm × 9mm QFN Package
n Wireless and Wired Broadband Communication
n Cable Head-End Systems
n Power Amplifier Linearization
n Communications Test Equipment
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*LTC2220-1, LTC2220, LTC2221, LTC2230, LTC2231 are 3.3V parts.
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D9
D0
ENCODE
INPUT
REFH
REFL
ANALOG
INPUT
224010 TA01
CMOS
OR
LVDS
0.5V
TO 2.625V
2.5V
VDD
OVDD
OGND
INPUT FREQUENCY (MHz)
0
55
56
57
58
600 700 800 900
62
224010 G10
100 200 300 400 500
1000
59
60
61
1V RANGE
2V RANGE


Similar Part No. - LTC2240IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240IUP-12 LINER-LTC2240IUP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-PBF LINER-LTC2240IUP-12-PBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TR LINER-LTC2240IUP-12-TR Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TRPBF LINER-LTC2240IUP-12-TRPBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com