Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2240IUP-10-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2240IUP-10-TRPBF
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240IUP-10-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2240IUP-10-TRPBF Datasheet HTML 2Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 3Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 4Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 5Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 6Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 7Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 8Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 9Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2240-10
6
224010fb
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DATA to CLKOUT Skew
(tC – tD) (Note 7)
l
–0.6
0
0.6
ns
Pipeline Latency
Full Rate CMOS
5
Cycles
Demuxed Interleaved
5
Cycles
Demuxed Simultaneous
5 and 6
Cycles
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 2.5V, fSAMPLE = 170MHz, LVDS outputs, differential
ENC+/ENC= 2VP-P sine wave, input range = 2VP-P with differential
drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from
a “best straight line” fit to the transfer curve. The deviation is measured
from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 and 11 1111 1111 in 2’s
complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: VDD = 2.5V, fSAMPLE = 170MHz, differential ENC+/ENC= 2VP-P
sine wave, input range = 1VP-P with differential drive, output CLOAD = 5pF.
Note 10: SNR minimum and typical values are for LVDS mode. Typical
values for CMOS mode are typically 0.2dB lower.
Note 11: SFDR minimum values are for LVDS mode. Typical values are for
both LVDS and CMOS modes.
Note 12: SINAD minimum and typical values are for LVDS mode. Typical
values for CMOS mode are typically 0.2dB lower.
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
Differential Nonlinearity
8192 Point FFT, fIN = 5MHz,
–1dB, 2V Range, LVDS Mode
(TA = 25°C unless otherwise noted, Note 4)
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
256
512
224010 G01
–0.6
0.6
0.8
0.2
768
1024
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
256
512
224010 G02
–0.6
0.6
0.8
0.2
768
1024
FREQUENCY (MHz)
0
–80
–20
–10
0
20
40
60
10
30
50
70
224010 G03
–100
–40
–60
–90
–30
–110
–50
–70
80


Similar Part No. - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240IUP-12 LINER-LTC2240IUP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-PBF LINER-LTC2240IUP-12-PBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TR LINER-LTC2240IUP-12-TR Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TRPBF LINER-LTC2240IUP-12-TRPBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com