Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2240IUP-10-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2240IUP-10-TRPBF
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240IUP-10-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2240IUP-10-TRPBF Datasheet HTML 1Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 2Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 3Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 4Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 5Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 6Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 7Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 8Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2240-10
5
224010fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS (LVDS MODE)
VOD
Differential Output Voltage
100Ω Differential Load
l
247
350
454
mV
VOS
Output Common Mode Voltage
100Ω Differential Load
l
1.125
1.250
1.375
V
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 8)
l
2.375
2.5
2.625
V
PSLEEP
Sleep Mode Power
SHDN = High, OE = High, No CLK
1
mW
PNAP
Nap Mode Power
SHDN = High, OE = Low, No CLK
28
mW
LVDS OUTPUT MOD
OVDD
Output Supply Voltag
(Note 8)
l
2.375
2.5
2.625
V
IVDD
Analog Supply Current
l
170
185
mA
IOVDD
Output Supply Current
l
58
70
mA
PDISS
Power Dissipation
l
570
638
mW
CMOS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
l
0.5
2.5
2.625
V
IVDD
Analog Supply Current
(Note 7)
l
170
185
mA
PDISS
Power Dissipation
445
mW
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 8)
l
1
170
MHz
tL
ENC Low Time (Note 7)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
2.79
1.5
2.94
2.94
500
500
ns
ns
tH
ENC High Time (Note 7)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
2.79
1.5
2.94
2.94
500
500
ns
ns
tAP
Sample-and-Hold Aperture Delay
0.4
ns
tOE
Output Enable Delay
(Note 7)
l
510
ns
LVDS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
l
1
1.7
2.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1
1.7
2.8
ns
DATA to CLKOUT Skew
(tC – tD) (Note 7)
l
–0.6
0
0.6
ns
Rise Time
0.5
ns
Fall Time
0.5
ns
Pipeline Latency
5
Cycles
CMOS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
l
1
1.7
2.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1
1.7
2.8
ns


Similar Part No. - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240IUP-12 LINER-LTC2240IUP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-PBF LINER-LTC2240IUP-12-PBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TR LINER-LTC2240IUP-12-TR Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TRPBF LINER-LTC2240IUP-12-TRPBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com