Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2242IUP-10-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2242IUP-10-PBF
Description  10-Bit, 250Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2242IUP-10-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2242IUP-10-PBF Datasheet HTML 4Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 5Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 6Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 7Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 8Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 9Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 10Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 11Page - Linear Technology LTC2242IUP-10-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2242-10
8
224210fc
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR and SNR vs Sample Rate,
2V Range, fIN = 30MHz, –1dB,
LVDS Mode
SFDR vs Input Level, fIN = 70MHz,
2V Range
SNR vs SENSE, fIN = 5MHz, –1dB
IVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB
(TA = 25°C unless otherwise noted, Note 4)
SAMPLE RATE (Msps)
0
90
85
80
75
70
65
60
55
150
200
250
224210 G13
50
100
300
SFDR
SNR
INPUT LEVEL (dBFS)
–50
0
10
30
40
50
90
70
–40
–20
–10
224210 G14
20
80
60
–30
dBFS
dBc
0
SENSE PIN (V)
0.5
60.0
60.5
61.0
0.9
224210 G15
59.5
59.0
0.6
0.7
0.8
1
58.5
58.0
57.5
SAMPLE RATE (Msps)
0
250
260
270
150
250
224210 G16
240
230
220
50
100
200
280
290
300
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
0
10
20
30
40
60
50
100
150
200
250
224210 G17
50
CMOS OUTPUTS
OVDD = 1.8V
LVDS OUTPUTS
OVDD = 2.5V


Similar Part No. - LTC2242IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2242IUP-10 LINEAR-LTC2242IUP-10 Datasheet
537Kb / 30P
   10-Bit, 250Msps ADC
More results

Similar Description - LTC2242IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-10 LINER-LTC2242-10_15 Datasheet
593Kb / 30P
   10-Bit, 250Msps ADC
logo
Linear Integrated Syste...
LTC2242IUP-10 LINEAR-LTC2242IUP-10 Datasheet
537Kb / 30P
   10-Bit, 250Msps ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com