Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2242CUP-10-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2242CUP-10-TRPBF
Description  10-Bit, 250Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2242CUP-10-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2242CUP-10-TRPBF Datasheet HTML 1Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 2Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 3Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 4Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 5Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 6Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 7Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 8Page - Linear Technology LTC2242CUP-10-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2242-10
5
224210fc
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 8)
2.375
2.5
2.625
V
PSLEEP
Sleep Mode Power
SHDN = High, OE = High, No CLK
1
mW
PNAP
Nap Mode Power
SHDN = High, OE = Low, No CLK
28
mW
LVDS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
2.375
2.5
2.625
V
IVDD
Analog Supply Current
285
320
mA
IOVDD
Output Supply Current
58
70
mA
PDISS
Power Dissipation
858
975
mW
CMOS OUTPUT MODE
OVDD
Output Supply Voltage
(Note 8)
0.5
2.5
2.625
V
IVDD
Analog Supply Current
(Note 7)
285
320
mA
PDISS
Power Dissipation
740
mW
The
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
TIMING CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 8)
1
250
MHz
tL
ENC Low Time (Note 7)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
1.9
1.5
2
2
500
500
ns
ns
tH
ENC High Time (Note 7)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
1.9
1.5
2
2
500
500
ns
ns
tAP
Sample-and-Hold Aperture Delay
0.4
ns
tOE
Output Enable Delay
(Note 7)
510
ns
LVDS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
1
1.7
2.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
1
1.7
2.8
ns
DATA to CLKOUT Skew
(tC – tD) (Note 7)
–0.6
0
0.6
ns
Rise Time
0.5
ns
Fall Time
0.5
ns
Pipeline Latency
5
Cycles
CMOS OUTPUT MODE
tD
ENC to DATA Delay
(Note 7)
1
1.7
2.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
1
1.7
2.8
ns
DATA to CLKOUT Skew
(tC – tD) (Note 7)
–0.6
0
0.6
ns
Pipeline
Latency
Full Rate CMOS
5
Cycles
Demuxed Interleaved
5
Cycles
Demuxed Simultaneous
5 and 6
Cycles


Similar Part No. - LTC2242CUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2242CUP-10 LINEAR-LTC2242CUP-10 Datasheet
537Kb / 30P
   10-Bit, 250Msps ADC
More results

Similar Description - LTC2242CUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-10 LINER-LTC2242-10_15 Datasheet
593Kb / 30P
   10-Bit, 250Msps ADC
logo
Linear Integrated Syste...
LTC2242IUP-10 LINEAR-LTC2242IUP-10 Datasheet
537Kb / 30P
   10-Bit, 250Msps ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com