Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2240UP-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2240UP-10
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240UP-10 Datasheet(HTML) 2 Page - Linear Technology

  LTC2240UP-10 Datasheet HTML 1Page - Linear Technology LTC2240UP-10 Datasheet HTML 2Page - Linear Technology LTC2240UP-10 Datasheet HTML 3Page - Linear Technology LTC2240UP-10 Datasheet HTML 4Page - Linear Technology LTC2240UP-10 Datasheet HTML 5Page - Linear Technology LTC2240UP-10 Datasheet HTML 6Page - Linear Technology LTC2240UP-10 Datasheet HTML 7Page - Linear Technology LTC2240UP-10 Datasheet HTML 8Page - Linear Technology LTC2240UP-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2240-10
2
224010fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ...............................................2.8V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
Analog Input Voltage (Note 3).......–0.3V to (VDD + 0.3V)
Digital Input Voltage......................–0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
OVDD = VDD (Notes 1, 2)
TOP VIEW
UP PACKAGE
64-LEAD (9mm × 9mm) PLASTIC QFN
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 20°C/W
AIN
+ 1
AIN
+ 2
AIN
3
AIN
4
REFHA 5
REFHA 6
REFLB 7
REFLB 8
REFHB 9
REFHB 10
REFLA 11
REFLA 12
VDD 13
VDD 14
VDD 15
GND 16
48 D7+/DA4
47 D7/DA3
46 D6+/DA2
45 D6/DA1
44 D5+/DA0
43 D5/DNC
42 OVDD
41 OGND
40 D4+/DNC
39 D4/CLKOUTA
38 D3+/CLKOUTB
37 D3/OFB
36 CLKOUT+/DB9
35 CLKOUT/DB8
34 OVDD
33 OGND
65
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2240CUP-10#PBF
LTC2240CUP-10#TRPBF
LTC2240UP-10
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2240IUP-10#PBF
LTC2240IUP-10#TRPBF
LTC2240UP-10
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2240CUP-10
LTC2240CUP-10#TR
LTC2240UP-10
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2240IUP-10
LTC2240IUP-10#TR
LTC2240UP-10
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Power Dissipation .............................................1500mW
Operating Temperature Range
LTC2240C-10 ........................................... 0°C to 70°C
LTC2240I-10 ........................................–40°C to 85°C
Storage Temperature Range................... –65°C to 150°C


Similar Part No. - LTC2240UP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240UP-12 LINER-LTC2240UP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240UP-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com