Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB59B Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GB59B
Description  BOX CLAMP FOR HOCKEY PUKS DO200AB, TO200AC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GB59B Datasheet(HTML) 1 Page - Green Power Solutions srl

  GB59B Datasheet HTML 1Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB59
BOX CLAMP FOR HOCKEY PUKS
DO200AB, TO200AC
Clamping force up to 15kN
Operating temperature range -40 +90 °C
Insulation material NORYL
 (GE-Plastic)
UL94 certified
Dielectric strength up to 6kV rms 50 Hz
Bolts and nuts supplied on request
GB59
X
YY
ZZ.Z
Max device diameter
connection :
clamping force
device height [mm]
59 mm
M = threaded M12 stud
up to 15kN
range : 25.4 - 31.0
(see drawings)
F = threaded M10 hole
B =lateral bar connection
Example
GB59M10-26.0
GB59M…
GB59F…
Document GB59T001
GB59B…
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
65
M12
M10
Ø59
34
Ø6
,5
Ø7
0
Ø11
65
Ø6
,5


Similar Part No. - GB59B

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GB59F GPSEMI-GB59F Datasheet
78Kb / 1P
   BOX CLAMP FOR HOCKEY PUKS
More results

Similar Description - GB59B

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GB59F GPSEMI-GB59F Datasheet
78Kb / 1P
   BOX CLAMP FOR HOCKEY PUKS
GB80 GPSEMI-GB80 Datasheet
119Kb / 2P
   BOX CLAMP FOR HOCKEY PUKS
GB52F GPSEMI-GB52F Datasheet
105Kb / 1P
   BOX CLAMP FOR HOCKEY PUKS
GB52M GPSEMI-GB52M Datasheet
105Kb / 1P
   BOX CLAMP FOR HOCKEY PUKS
GB80M GPSEMI-GB80M Datasheet
111Kb / 2P
   BOX CLAMP FOR HOCKEY PUKS
GBM08 GPSEMI-GBM08 Datasheet
387Kb / 2P
   BOX CLAMP FOR HOCKEY PUKS DO-200 AA, B-3, TO-200AB (A AND E TYPE)
GB52 GPSEMI-GB52 Datasheet
371Kb / 1P
   BOX CLAMP FOR HOCKEY PUKS DO-200 AA, B-3, TO-200AB (A AND E TYPE)
GC102R GPSEMI-GC102R Datasheet
289Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC118F GPSEMI-GC118F Datasheet
332Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4TF GPSEMI-GC140-4TF Datasheet
284Kb / 3P
   BAR CLAMP FOR HOCKEY PUK DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com