Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2245 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2245
Description  14-Bit, 10Msps Low Power 3V ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2245 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2245 Datasheet HTML 3Page - Linear Technology LTC2245 Datasheet HTML 4Page - Linear Technology LTC2245 Datasheet HTML 5Page - Linear Technology LTC2245 Datasheet HTML 6Page - Linear Technology LTC2245 Datasheet HTML 7Page - Linear Technology LTC2245 Datasheet HTML 8Page - Linear Technology LTC2245 Datasheet HTML 9Page - Linear Technology LTC2245 Datasheet HTML 10Page - Linear Technology LTC2245 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2245
7
2245fa
TYPICAL PERFOR A CE CHARACTERISTICS
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
PI FU CTIO S
AIN+ (Pin 1): Positive Differential Analog Input.
AIN- (Pin 2): Negative Differential Analog Input.
REFH (Pins 3, 4): ADC High Reference. Short together and
bypass to pins 5, 6 with a 0.1
µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 5, 6 with
an additional 2.2
µF ceramic chip capacitor and to ground
with a 1
µF ceramic chip capacitor.
REFL (Pins 5, 6): ADC Low Reference. Short together and
bypass to pins 3, 4 with a 0.1
µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 3, 4 with
an additional 2.2
µF ceramic chip capacitor and to ground
with a 1
µF ceramic chip capacitor.
VDD (Pins 7, 32): 3V Supply. Bypass to GND with 0.1µF
ceramic chip capacitors.
GND (Pin 8): ADC Power Ground.
CLK (Pin 9): Clock Input. The input sample starts on the
positive edge.
SHDN (Pin 10): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
operation with the outputs enabled. Connecting SHDN to
GND and OE to VDD results in normal operation with the
outputs at high impedance. Connecting SHDN to VDD and
OE to GND results in nap mode with the outputs at high
impedance. Connecting SHDN to VDD and OE to VDD
results in sleep mode with the outputs at high impedance.
OE (Pin 11): Output Enable Pin. Refer to SHDN pin
function.
D0 – D13 (Pins 12, 13, 14, 15, 16, 17, 18, 19, 22, 23, 24,
25, 26, 27): Digital Outputs. D13 is the MSB.
OGND (Pin 20): Output Driver Ground.
OVDD (Pin 21): Positive Supply for the Output Drivers.
Bypass to ground with 0.1
µF ceramic chip capacitor.
OF (Pin 28): Over/Under Flow Output. High when an over
or under flow has occurred.
MODE (Pin 29): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to GND selects
offset binary output format and turns the clock duty cycle
stabilizer off. 1/3 VDD selects offset binary output format
and turns the clock duty cycle stabilizer on. 2/3 VDD selects
2’s complement output format and turns the clock duty
cycle stabilizer on. VDD selects 2’s complement output
format and turns the clock duty cycle stabilizer off.
SAMPLE RATE (Msps)
10
15
20
25
02468
2245 G12
10
12
14
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
4
8
10
2245 G13
0.2
0.8
0.9
0.6
2
6
12
14


Similar Part No. - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com