Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2245 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2245
Description  14-Bit, 10Msps Low Power 3V ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2245 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2245 Datasheet HTML 4Page - Linear Technology LTC2245 Datasheet HTML 5Page - Linear Technology LTC2245 Datasheet HTML 6Page - Linear Technology LTC2245 Datasheet HTML 7Page - Linear Technology LTC2245 Datasheet HTML 8Page - Linear Technology LTC2245 Datasheet HTML 9Page - Linear Technology LTC2245 Datasheet HTML 10Page - Linear Technology LTC2245 Datasheet HTML 11Page - Linear Technology LTC2245 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2245
8
2245fa
SENSE (Pin 30): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. VDD selects the internal reference and a ±1V
input range. An external reference greater than 0.5V and
less than 1V applied to SENSE selects an input range of
±VSENSE. ±1V is the largest valid input range.
PI FU CTIO S
FUNCTIONAL BLOCK DIAGRA
SHIFT REGISTER
AND CORRECTION
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF1µF
0.1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
CLOCK/DUTY
CYCLE
CONTROL
RANGE
SELECT
1.5V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
SIXTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
REFH
REFL
CLK
OE
MODE
OGND
OVDD
2245 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2
µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
SHDN
OF
D13
D0
Figure 1. Functional Block Diagram
VCM (Pin 31): 1.5V Output and Input Common Mode Bias.
Bypass to ground with 2.2
µF ceramic chip capacitor.
GND (Exposed Pad) (Pin 33): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.


Similar Part No. - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com