Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2245 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2245
Description  14-Bit, 10Msps Low Power 3V ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2245 Datasheet(HTML) 5 Page - Linear Technology

  LTC2245 Datasheet HTML 1Page - Linear Technology LTC2245 Datasheet HTML 2Page - Linear Technology LTC2245 Datasheet HTML 3Page - Linear Technology LTC2245 Datasheet HTML 4Page - Linear Technology LTC2245 Datasheet HTML 5Page - Linear Technology LTC2245 Datasheet HTML 6Page - Linear Technology LTC2245 Datasheet HTML 7Page - Linear Technology LTC2245 Datasheet HTML 8Page - Linear Technology LTC2245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2245
5
2245fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3V, fSAMPLE = 10MHz, input range = 2VP-P with differential
drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and
11 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3V, fSAMPLE = 10MHz, input range = 1VP-P with
differential drive.
Note 9: Recommended operating conditions.
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fs
Sampling Frequency
(Note 9)
1
10
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
40
50
500
ns
Duty Cycle Stabilizer On
5
50
500
ns
(Note 7)
tH
CLK High Time
Duty Cycle Stabilizer Off
40
50
500
ns
Duty Cycle Stabilizer On
5
50
500
ns
(Note 7)
tAP
Sample-and-Hold Aperture Delay
0ns
tD
CLK to DATA delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
Data Access Time After OE
CL = 5pF (Note 7)
4.3
10
ns
BUS Relinquish Time
(Note 7)
3.3
8.5
ns
Pipeline
5
Cycles
Latency
Typical DNL, 2V Range
Typical INL, 2V Range
8192 Point FFT, fIN = 5.1MHz,
–1dB, 2V Range
TYPICAL PERFOR A CE CHARACTERISTICS
CODE
0
–2.0
–1.0
–0.5
0
2.0
1.0
4096
8192
2245 G01
–1.5
1.5
0.5
12288
16384
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
2245 G02
–0.6
0.6
0.8
0.2
12288
16384
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2245 G03
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5


Similar Part No. - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com