Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2248 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 5 Page - Linear Technology

  LTC2248 Datasheet HTML 1Page - Linear Technology LTC2248 Datasheet HTML 2Page - Linear Technology LTC2248 Datasheet HTML 3Page - Linear Technology LTC2248 Datasheet HTML 4Page - Linear Technology LTC2248 Datasheet HTML 5Page - Linear Technology LTC2248 Datasheet HTML 6Page - Linear Technology LTC2248 Datasheet HTML 7Page - Linear Technology LTC2248 Datasheet HTML 8Page - Linear Technology LTC2248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2248/LTC2247/LTC2246
5
224876fa
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3V, fSAMPLE = 65MHz (LTC2248), 40MHz (LTC2247), or
25MHz (LTC2246), input range = 2VP-P with differential drive, unless
otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and
11 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3V, fSAMPLE = 65MHz (LTC2248), 40MHz (LTC2247), or
25MHz (LTC2246), input range = 1VP-P with differential drive.
Note 9: Recommended operating conditions.
LTC2248
LTC2247
LTC2246
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fs
Sampling Frequency (Note 9)
165
140
125
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
7.3
7.7
500
11.8
12.5
500
18.9
20
500
ns
Duty Cycle Stabilizer On
5
7.7
500
5
12.5
500
5
20
500
ns
(Note 7)
tH
CLK High Time
Duty Cycle Stabilizer Off
7.3
7.7
500
11.8
12.5
500
18.9
20
500
ns
Duty Cycle Stabilizer On
5
7.7
500
5
12.5
500
5
20
500
ns
(Note 7)
tAP
Sample-and-Hold
0
0
0
ns
Aperture Delay
tD
CLK to DATA delay
CL = 5pF (Note 7)
1.4
2.7
5.4
1.4
2.7
5.4
1.4
2.7
5.4
ns
Data Access Time
CL = 5pF (Note 7)
4.3
10
4.3
10
4.3
10
ns
After OE
BUS Relinquish Time (Note 7)
3.3
8.5
3.3
8.5
3.3
8.5
ns
Pipeline
5
5
5
Cycles
Latency
LTC2248: Typical DNL,
2V Range, 65Msps
LTC2248: Typical INL,
2V Range, 65Msps
CODE
0
12288
2248 G01
4096
8192
16384
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
CODE
0
12288
2248 G02
4096
8192
16384
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC2248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com