Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2246 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2246
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2246 Datasheet(HTML) 2 Page - Linear Technology

  LTC2246 Datasheet HTML 1Page - Linear Technology LTC2246 Datasheet HTML 2Page - Linear Technology LTC2246 Datasheet HTML 3Page - Linear Technology LTC2246 Datasheet HTML 4Page - Linear Technology LTC2246 Datasheet HTML 5Page - Linear Technology LTC2246 Datasheet HTML 6Page - Linear Technology LTC2246 Datasheet HTML 7Page - Linear Technology LTC2246 Datasheet HTML 8Page - Linear Technology LTC2246 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2248/LTC2247/LTC2246
2
224876fa
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2248C, LTC2247C, LTC2246C ........... 0
°C to 70°C
LTC2248I, LTC2247I, LTC2246I ..........–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2248
LTC2247
LTC2246
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
14
14
14
Bits
(No Missing Codes)
Integral
Differential Analog Input
–4
±14
–4
±14
–4
±14
LSB
Linearity Error
(Note 5)
Differential
Differential Analog Input
–1
±0.5
1
–1
±0.5
1
–1
±0.5
1
LSB
Linearity Error
Offset Error
(Note 6)
–12
±212
–12
±212
–12
±212
mV
Gain Error
External Reference
–2.5
±0.5
2.5
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
±30
±30
ppm/
°C
External Reference
±5
±5
±5
ppm/
°C
Transition Noise
SENSE = 1V
1
1
1
LSBRMS
CO VERTER CHARACTERISTICS
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD IS GND (PIN 33)
MUST BE SOLDERED TO PCB
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
AIN+
AIN
REFH
REFH
REFL
REFL
VDD
GND
D10
D9
D8
OVDD
OGND
D7
D6
D5
33
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
LTC2248CUH
LTC2248IUH
LTC2247CUH
LTC2247IUH
LTC2246CUH
LTC2246IUH
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
QFN PART MARKING*
2248
2248
2247
2247
2246
2246


Similar Part No. - LTC2246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246HLX LINER-LTC2246HLX Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246HLX-PBF LINER-LTC2246HLX-PBF Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246HLX-TR LINER-LTC2246HLX-TR Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246HLX-TRPBF LINER-LTC2246HLX-TRPBF Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
More results

Similar Description - LTC2246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com