Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2254CUH Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2254CUH
Description  14-Bit, 125/105Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2254CUH Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2254CUH Datasheet HTML 6Page - Linear Technology LTC2254CUH Datasheet HTML 7Page - Linear Technology LTC2254CUH Datasheet HTML 8Page - Linear Technology LTC2254CUH Datasheet HTML 9Page - Linear Technology LTC2254CUH Datasheet HTML 10Page - Linear Technology LTC2254CUH Datasheet HTML 11Page - Linear Technology LTC2254CUH Datasheet HTML 12Page - Linear Technology LTC2254CUH Datasheet HTML 13Page - Linear Technology LTC2254CUH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2255/LTC2254
10
22554fa
PI FU CTIO S
AIN+ (Pin 1): Positive Differential Analog Input.
AIN- (Pin 2): Negative Differential Analog Input.
REFH (Pins 3, 4): ADC High Reference. Short together and
bypass to pins 5, 6 with a 0.1
µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 5, 6 with
an additional 2.2
µF ceramic chip capacitor and to ground
with a 1
µF ceramic chip capacitor.
REFL (Pins 5, 6): ADC Low Reference. Short together and
bypass to pins 3, 4 with a 0.1
µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 3, 4 with
an additional 2.2
µF ceramic chip capacitor and to ground
with a 1
µF ceramic chip capacitor.
VDD (Pins 7, 32): 3V Supply. Bypass to GND with 0.1µF
ceramic chip capacitors.
GND (Pin 8): ADC Power Ground.
CLK (Pin 9): Clock Input. The input sample starts on the
positive edge.
SHDN (Pin 10): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
operation with the outputs enabled. Connecting SHDN to
GND and OE to VDD results in normal operation with the
outputs at high impedance. Connecting SHDN to VDD and
OE to GND results in nap mode with the outputs at high
impedance. Connecting SHDN to VDD and OE to VDD
results in sleep mode with the outputs at high impedance.
OE (Pin 11): Output Enable Pin. Refer to SHDN pin
function.
D0 – D13 (Pins 12, 13, 14, 15, 16, 17, 18, 19, 22, 23, 24,
25, 26, 27): Digital Outputs. D13 is the MSB.
OGND (Pin 20): Output Driver Ground.
OVDD (Pin 21): Positive Supply for the Output Drivers.
Bypass to ground with 0.1
µFceramicchipcapacitor.OVDD
can be 0.5V to 3.6V.
OF (Pin 28): Over/Under Flow Output. High when an over
or under flow has occurred.
MODE (Pin 29): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to GND selects
offset binary output format and turns the clock duty cycle
stabilizer off. 1/3 VDD selects offset binary output format
and turns the clock duty cycle stabilizer on. 2/3 VDD selects
2’s complement output format and turns the clock duty
cycle stabilizer on. VDD selects 2’s complement output
format and turns the clock duty cycle stabilizer off.
SENSE (Pin 30): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. VDD selects the internal reference and a ±1V
input range. An external reference greater than 0.5V and
less than 1V applied to SENSE selects an input range of
±VSENSE. ±1V is the largest valid input range.
VCM (Pin 31): 1.5V Output and Input Common Mode Bias.
Bypass to ground with 2.2
µF ceramic chip capacitor.
GND (Exposed Pad) (Pin 33): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.


Similar Part No. - LTC2254CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
More results

Similar Description - LTC2254CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2255 LINER-LTC2255_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252 Datasheet
623Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2250 LINER-LTC2250 Datasheet
620Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com