Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2258IUJ-14-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2258IUJ-14-PBF
Description  14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2258IUJ-14-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2258IUJ-14-PBF Datasheet HTML 7Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 8Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 9Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 10Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 11Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 12Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 13Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 14Page - Linear Technology LTC2258IUJ-14-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
225814p
LTC2258-14
LTC2257-14/LTC2256-14
LTC2258-14: IOVDD vs Sample
Rate, 5MHz Sine Wave Input,
–1dB, 5pF on Each Data Output
LTC2258-14: SNR vs SENSE,
fIN = 5MHz, –1dB
LTC2257-14: Integral Non-Linearity
(INL)
LTC2257-14: Differential
Non-Linearity (DNL)
LTC2257-14: 8k Point FFT, fIN = 5MHz
–1dBFS, 40Msps
LTC2257-14: 8k Point FFT, fIN = 30MHz
–1dBFS, 40Msps
TYPICAL PERFORMANCE CHARACTERISTICS
SAMPLE RATE (Msps)
0
25
10
15
20
5
0
45
30
35
40
20
40
60
225814 G14
1.75mA LVDS
1.8V CMOS
1.2V CMOS
3.5mA LVDS
SENSE PIN (V)
0.6
72
69
70
71
68
67
73
74
75
0.7
0.8
0.9
1.1
1.2
1.3
1
225814 G15
OUTPUT CODE
0
–2.0
–0.5
–1.0
–1.5
0
0.5
1.0
1.5
2.0
4096
8192
12288
16384
225814 G21
OUTPUT CODE
0
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
4096
8192
12288
16384
225814 G22
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
225814 G23
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
225814 G24
LTC2257-14: 8k Point FFT, fIN = 70MHz
–1dBFS, 40Msps
LTC2257-14: 8k Point FFT, fIN = 137MHz
–1dBFS, 40Msps
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
225814 G25
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
225814 G26
LTC2257-14: 8k Point 2-Tone FFT,
fIN = 68MHz, 69MHz, –1dBFS,
40Msps
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
225814 G27


Similar Part No. - LTC2258IUJ-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2258IUJ-12-PBF LINER-LTC2258IUJ-12-PBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
LTC2258IUJ-12-TRPBF LINER-LTC2258IUJ-12-TRPBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2258IUJ-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-14 LINER-LTC2257-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2256-12 LINER-LTC2256-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com