Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2280 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2280
Description  Dual 10-Bit, 105Msps Low Noise 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2280 Datasheet(HTML) 2 Page - Linear Technology

  LTC2280 Datasheet HTML 1Page - Linear Technology LTC2280 Datasheet HTML 2Page - Linear Technology LTC2280 Datasheet HTML 3Page - Linear Technology LTC2280 Datasheet HTML 4Page - Linear Technology LTC2280 Datasheet HTML 5Page - Linear Technology LTC2280 Datasheet HTML 6Page - Linear Technology LTC2280 Datasheet HTML 7Page - Linear Technology LTC2280 Datasheet HTML 8Page - Linear Technology LTC2280 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2280
2
2280fa
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
15
AINB
+ 16
48 DA3
47 DA2
46 DA1
45 DA0
44 NC
43 NC
42 NC
41 NC
40 OFB
39 DB9
38 DB8
37 DB7
36 DB6
35 DB5
34 DB4
33 DB3
65
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
10
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
–0.6
±0.1
0.6
LSB
Differential Linearity Error
Differential Analog Input
–0.6
±0.1
0.6
LSB
Offset Error
(Note 6)
–12
±212
mV
Gain Error
External Reference
–2.5
±0.5
2.5
%FS
Offset Drift
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
ppm/
°C
External Reference
±5
ppm/
°C
Gain Matching
External Reference
±0.3
%FS
Offset Matching
±2mV
Transition Noise
SENSE = 1V
0.08
LSBRMS
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CO VERTER CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2280C ............................................... 0
°C to 70°C
LTC2280I .............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART
NUMBER
QFN PART*
MARKING
LTC2280UP
LTC2280CUP
LTC2280IUP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LTC2280

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results

Similar Description - LTC2280

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2289 LINER-LTC2289 Datasheet
661Kb / 24P
   Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2289 LINER-LTC2289_15 Datasheet
666Kb / 24P
   Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2250 LINER-LTC2250 Datasheet
620Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com