Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2256CUJ-14-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2256CUJ-14-TRPBF
Description  14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2256CUJ-14-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2256CUJ-14-TRPBF Datasheet HTML 5Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 6Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 7Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 8Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 9Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 10Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 11Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 12Page - Linear Technology LTC2256CUJ-14-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
225814p
LTC2258-14
LTC2257-14/LTC2256-14
TIMING DIAGRAMS
A6
tS
tDS
A5
A4
A3
A2
A1
A0
XX
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
XX
XX
XX
XX
XX
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE
SPI Port Timing (Readback Mode)
SPI Port Timing (Write Mode)
tDH
tDO
tSCK
tH
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
225814 TD04
CS
SCK
SDI
R/W
SDO
HIGH IMPEDANCE
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2258-14: Integral
Non-Linearity (INL)
LTC2258-14: Differential
Non-Linearity (DNL)
LTC2258-14: 8k Point FFT, fIN = 5MHz
–1dBFS, 65Msps
OUTPUT CODE
0
–2.0
–0.5
–1.0
–1.5
0
0.5
1.0
1.5
2.0
4096
8192
12288
16384
225814 G01
OUTPUT CODE
0
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
4096
8192
12288
16384
225814 G02
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
225814 G03
0
10
20
30


Similar Part No. - LTC2256CUJ-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2256CUJ-12-PBF LINER-LTC2256CUJ-12-PBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
LTC2256CUJ-12-TRPBF LINER-LTC2256CUJ-12-TRPBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2256CUJ-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-14 LINER-LTC2257-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2256-12 LINER-LTC2256-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com