Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2260CUJ-14-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2260CUJ-14-TRPBF
Description  14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2260CUJ-14-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2260CUJ-14-TRPBF Datasheet HTML 6Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 7Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 8Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 9Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 10Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 11Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 12Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 13Page - Linear Technology LTC2260CUJ-14-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2261-14
LTC2260-14/LTC2259-14
10
226114f
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2261-14: 8k Point FFT, fIN = 30MHz
–1dBFS, 125Msps
LTC2261-14: 8k Point FFT, fIN = 70MHz
–1dBFS, 125Msps
LTC2261-14: 8k Point FFT, fIN = 140MHz
–1dBFS, 125Msps
LTC2261-14: 8k Point 2-Tone FFT,
fIN = 70MHz, 75MHz, –1dBFS,
125Msps
LTC2261-14: Shorted Input
Histogram
LTC2261-14: SFDR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
LTC2261-14: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
226114 G04
10
20
30
40
50
60
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
226114 G05
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
226114 G06
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
226114 G07
OUTPUT CODE
8178
1000
0
3000
2000
4000
5000
6000
8180
8182
8184
8186
226114 G08
INPUT LEVEL (dBFS)
–80
60
50
40
30
20
10
0
80
70
90
100
110
–70 –60 –50 –40 –30 –20 –10
0
226114 G12
dBFS
dBc
SAMPLE RATE (Msps)
0
75
60
65
70
55
50
80
25
50
75
100
125
226114 G13
LVDS OUTPUTS
CMOS OUTPUTS
INPUT FREQUENCY (MHz)
0
72
71
70
69
68
67
66
74
73
50
100
150
200
250
300
350
226114 G09
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
95
50
100
150
200
250
300
350
226114 G10
LTC2261-14: SFDR vs Input
Frequency, –1dB, 2V Range,
125Msps
LTC2261-14: SNR vs Input
Frequency, –1dB, 2V Range,
125Msps


Similar Part No. - LTC2260CUJ-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2260CUJ-12-PBF LINER-LTC2260CUJ-12-PBF Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260CUJ-12-TRPBF LINER-LTC2260CUJ-12-TRPBF Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2260CUJ-14-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com