Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2259CUJ-12-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2259CUJ-12-TRPBF
Description  12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2259CUJ-12-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2259CUJ-12-TRPBF Datasheet HTML 7Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 8Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 9Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 10Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 11Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 12Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 13Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 14Page - Linear Technology LTC2259CUJ-12-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2261-12
LTC2260-12/LTC2259-12
11
226112f
LTC2261-12: IOVDD vs Sample
Rate, 5MHz Sine Wave Input,
–1dB, 5pF on Each Data Output
LTC2261-12: SNR vs SENSE,
fIN = 5MHz, –1dB
LTC2260-12: Integral Nonlinearity
(INL)
LTC2260-12: Differential
Nonlinearity (DNL)
LTC2260-12: 8k Point FFT, fIN = 5MHz
–1dBFS, 105Msps
LTC2260-12: 8k Point FFT, fIN = 30MHz
–1dBFS, 105Msps
LTC2260-12: 8k Point FFT, fIN = 70MHz
–1dBFS, 105Msps
LTC2260-12: 8k Point FFT, fIN = 140MHz
–1dBFS, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS
SAMPLE RATE (Msps)
0
25
10
15
20
5
0
45
30
35
40
25
50
75
100
125
226112 G14
1.75mA LVDS
1.8V CMOS
1.2V CMOS
3.5mA LVDS
SENSE PIN (V)
0.6
71
68
69
70
67
66
72
0.7
0.8
0.9
1.1
1.2
1.3
1
226112 G15
OUTPUT CODE
0
–1.0
–0.4
–0.6
–0.8
–0.2
0
0.2
0.4
0.6
0.8
1.0
1024
2048
3072
4096
226112 G21
OUTPUT CODE
0
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
1024
2048
3072
4096
226112 G22
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
226112 G23
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
226112 G24
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
226112 G25
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
226112 G26
SAMPLE RATE (Msps)
CMOS
0
71
68
69
70
67
72
25
50
75
100
125
226112 G18
DDR CMOS
LVDS
LTC2261-12: SNR vs Sample Rate
and Digital Output Mode,
30MHz Sine Wave Input, –1dB


Similar Part No. - LTC2259CUJ-12-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259CUJ-14-PBF LINER-LTC2259CUJ-14-PBF Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259CUJ-14-TRPBF LINER-LTC2259CUJ-14-TRPBF Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259CUJ-16 LINER-LTC2259CUJ-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259CUJ-16PBF LINER-LTC2259CUJ-16PBF Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259CUJ-16TRPBF LINER-LTC2259CUJ-16TRPBF Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
More results

Similar Description - LTC2259CUJ-12-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com