Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2366 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2366
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2366 Datasheet(HTML) 5 Page - Linear Technology

  LTC2366 Datasheet HTML 1Page - Linear Technology LTC2366 Datasheet HTML 2Page - Linear Technology LTC2366 Datasheet HTML 3Page - Linear Technology LTC2366 Datasheet HTML 4Page - Linear Technology LTC2366 Datasheet HTML 5Page - Linear Technology LTC2366 Datasheet HTML 6Page - Linear Technology LTC2366 Datasheet HTML 7Page - Linear Technology LTC2366 Datasheet HTML 8Page - Linear Technology LTC2366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2365/LTC2366
5
23656f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: When this pin, AIN, is taken below GND or above VDD, it will be
clamped by internal diodes. These products can handle input currents
greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = OVDD = VREF = 2.35V to 3.6V, fSMPL = fSMPL(MAX) and fSCK =
fSCK(MAX) unless otherwise specified.
Note 5: Integral linearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve. The
deviation is measured from the center of the quantization band.
Note 6: Linearity, offset and gain specifications apply for a single-ended
AIN input with respect to GND.
Note 7: Typical RMS noise at code transitions.
Note 8: Guaranteed by characterization. All input signals are specified with
tr = tf = 2ns (10% to 90% of VDD) and timed from a voltage level of 1.6V.
Note 9: All timing specifications given are with a 10pF capacitance load.
With a capacitance load greater than this value, a digital buffer or latch
must be used.
Note 10: Minimum fSCK at which specifications are guaranteed.
Note 11: The time required for the output to cross the VIH or VIL voltage.
Note 12: Guaranteed by design, not subject to test.
Note 13: High temperatures degrade operating lifetimes. Operating lifetime
is derated at temperatures greater than 105°C.
SYMBOL
PARAMETER
CONDITIONS
LTC2365
LTC2366
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fSMPL(MAX)
Maximum Sampling Frequency
(Notes 8, 9)
l
1
3
MHz
fSCK
Shift Clock Frequency
(Notes 8, 9, 10)
l
0.5
16
0.5
48
MHz
tSCK
Shift Clock Period
l
62.5
2000
20.8
2000
ns
tTHROUGHPUT Minimum Throughput Time, tACQ + tCONV
l
1000
333
ns
tACQ
Acquisition Time
l 181.5
56
ns
tCONV
Conversion Time
l 818.5
277
ns
tQUIET
SDO Hi-Z State to CS ↓
(Notes 8, 9)
l
44
ns
t1
Minimum Positive or Negative CS Pulse Width (Notes 8)
l
44
ns
t2
SCK↓ Setup Time After CS ↓
(Notes 8)
l
6
2000
6
2000
ns
t3
SDO Enabled Time After CS ↓
(Notes 9, 11, 12)
l
44
ns
t4
SDO Data Valid Access Time After SCK↓
(Notes 8, 9, 11)
l
15
15
ns
t5
SCK Low Time
l
40%
40%
tSCK
t6
SCK High Time
l
40%
40%
tSCK
t7
SDO Data Valid Hold Time After SCK↓
(Notes 8, 9, 11)
l
55
ns
t8
SDO Into Hi-Z State Time After SCK↓
(Notes 9, 12)
l
5
30
5
14
ns
t9
SDO Into Hi-Z State Time After CS ↑
(Notes 9, 12)
l
4.2
4.2
ns
tPOWER-UP
Power-up Time from Sleep Mode
See Sleep Mode section
l
1000
333
ns
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2366 LINER-LTC2366 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2366 LINER-LTC2366 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2366 LINER-LTC2366 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2366 LINER-LTC2366 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC2366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com