Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2273UJ Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2273UJ
Description  16-Bit, 80Msps/65Msps Serial Output ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2273UJ Datasheet(HTML) 4 Page - Linear Technology

  LTC2273UJ Datasheet HTML 1Page - Linear Technology LTC2273UJ Datasheet HTML 2Page - Linear Technology LTC2273UJ Datasheet HTML 3Page - Linear Technology LTC2273UJ Datasheet HTML 4Page - Linear Technology LTC2273UJ Datasheet HTML 5Page - Linear Technology LTC2273UJ Datasheet HTML 6Page - Linear Technology LTC2273UJ Datasheet HTML 7Page - Linear Technology LTC2273UJ Datasheet HTML 8Page - Linear Technology LTC2273UJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC2273/LTC2272
4
22732f
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
LTC2273
LTC2272
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SFDR
Spurious Free Dynamic
Range 4th Harmonic or
Higher
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
95
100
95
100
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
90
95
90
95
dBc
dBc
S/(N+D) Signal-to-Noise
Plus Distortion Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77.5
75.3
77.5
75.3
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0), TA = 25°C
15MHz Input (2.25V Range, PGA = 0
15MHz Input (1.5V Range, PGA = 1)
l
76.3
75.9
77.4
77
75.2
76.3
75.9
77.4
77
75.2
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1), TA = 25°C
70MHz Input (1.5V Range, PGA = 1)
l
74.4
74.1
76.7
75
74.7
74.4
74.1
76.7
75
74.7
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
75.3
74.3
75.3
74.3
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
73.4
73.4
73.4
73.4
dBFS
dBFS
SFDR
Spurious Free Dynamic
Range at –25dBFS Dither
“OFF”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
SFDR
Spurious Free Dynamic
Range at –25dBFS Dither
“ON”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
97
115
115
97
115
115
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
110
110
110
110
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS


Similar Part No. - LTC2273UJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results

Similar Description - LTC2273UJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com