Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2420 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2420
Description  20-Bit mPower No Latency DSTM ADC in SO-8
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2420_09 Datasheet HTML 5Page - Linear Technology LTC2420_09 Datasheet HTML 6Page - Linear Technology LTC2420_09 Datasheet HTML 7Page - Linear Technology LTC2420_09 Datasheet HTML 8Page - Linear Technology LTC2420_09 Datasheet HTML 9Page - Linear Technology LTC2420_09 Datasheet HTML 10Page - Linear Technology LTC2420_09 Datasheet HTML 11Page - Linear Technology LTC2420_09 Datasheet HTML 12Page - Linear Technology LTC2420_09 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
LTC2420
FU CTIO AL BLOCK DIAGRA
TEST CIRCUITS
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
GND
VCC
VIN
SDO
SCK
VREF
CS
FO
(INT/EXT)
2420 FD
3.4k
SDO
2420 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
3.4k
SDO
2420 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC


Similar Part No. - LTC2420_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420C LINER-LTC2420C Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420CS8 LINER-LTC2420CS8 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420I LINER-LTC2420I Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420IS8 LINER-LTC2420IS8 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
More results

Similar Description - LTC2420_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
   24-Bit Power No Latency ADC in SO-8
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
   1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com