Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2300 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK2300
Description  3.3V Single channel PCM CODEC LSI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2300 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK2300 Datasheet HTML 1Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 2Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2300 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
[
AK2300]
<MS0998-E-00>
4
2008/9
PIN FUNCTION
Pin types
DIN:
Digital input
DOUT: Digital output
PWR:
Power / Ground
AIN:
Analog input
AOUT: Analog output
Pin#
Name
Type
Function
7
VFTN
AIN
Negative analog onput of analog input OP amp.
Signgle-end amplifire is composed the exernal registers. Transmit gain is
defined by the ratio of the external registers.
6
GST
AOUT
Output of the transmit OP amp.
The external feedback resister is connected between this pin and VFTN.
4
VR
AOUT
Analog output of the D/A converter equivalent to the received PCM
code.
14
FS
DIN
Frame sync input
This clock is input for the internal PLL which generates the internal system
clocks. FS must be 8kHz clock which synchronized with BCLK.
5
BCLK
DIN
Bit clock of PCM data interface
This clock defines the input/output timing of DX and RX.
The frequency of BCLK should be 64kHz
´ N (N=1~32) and duty should be
40~60%. When this pin is taken low, power down the device.
*Please don’t stop BCLK at “H” level.
11
DX
DOUT
Serial output of PCM data
The PCM data is synchronized with BCLK. This output remains in the low
level except for the period in which PCM data is transmitted.
16
DR
DIN
Serial input of PCM data
The PCM data is synchronized with BCLK.
1
MUTEN
DIN
Mute setting pin
“L” level forces both A/D, D/A output to mute state.
2
PDN
DIN
Power down setting pin
“L” level forces power down mode.
13
DIF0
DIN
Audio data interface select pin
”L”=A-law,”H”=m-law,“FS”=Linear PCM
(Please connect DIF0 with FS(#14) at a Linear PCM mode.)
5
DIF1
DIN
Audio data interface timing select pin
“H” : MSB of DX/DR are input/output by rising edge of FS.(Connect to VDD)
“L” : MSB of DX/DR are input/output by next rising edge of BCLK after the
rising edge of FS.
(Please connect it with VDD when DIF1 is “H”.)
3
VDD
PWR Positive supply voltage
12
LVDD
PWR Positive supply voltage for digital interface
10
VSS
PWR Ground (0V)
8
VREF
AOUT
Analog reference voltage output
External capacitance (0.1
mF) should be connected between this pin and
VSS. Please do not connect external load to this pin.
9
PLLC
AOUT
PLL loop filter output
External capacitance (0.056
mF±30%: Includes temperature characteristic)
should be connected between this pin and VSS.
Exposed
Pad
-
Flip side PAD
VSS or Open


Similar Part No. - AK2300

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
   Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
   Dual PCM Codec/Filter COMBO LSI
More results

Similar Description - AK2300

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
   QUAD PCM CODEC/FILTER COMBO LSI
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
   Dual PCM Codec/Filter COMBO LSI
logo
OKI electronic componet...
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
   Single Rail Dual Channel PCM CODEC
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
   FOUR-CHANNEL PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com