Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2360CS6-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2360CS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360CS6-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2360CS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 12Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 13Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 14Page - Linear Technology LTC2360CS6-TRMPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2360/LTC2361/LTC2362
11
236012f
APPLICATIONS INFORMATION
DC PERFORMANCE
The noise of an ADC can be evaluated in two ways: sig-
nal-to-noise ratio (SNR) in the frequency domain and
histogram in the time domain. The LTC2360/LTC2361/
LTC2362 excel in both. Figure 5 demonstrates that the
LTC2360/LTC2361/LTC2362 have an SNR of over 73dB.
The noise in the time domain histogram is the transition
noise associated with a 12-bit resolution ADC which can
be measured with a fixed DC signal applied to the input of
the ADC. The resulting output codes are collected over a
large number of conversions. The shape of the distribu-
tion of codes will give an indication of the magnitude of
the transition noise. In Figure 4, the distribution of output
codes is shown for a DC input that has been digitized
16384 times. The distribution is Gaussian and the RMS
code transition is about 0.32LSB. This corresponds to a
noise level of 73dB relative to a full scale of 3V.
DYNAMIC PERFORMANCE
The LTC2360/LTC2361/LTC2362 have excellent high speed
sampling capability. Fast fourier transform (FFT) test
techniques are used to test the ADCs’ frequency response,
distortion and noise at the rated throughput. By applying
a low distortion sine wave and analyzing the digital output
using an FFT algorithm, the ADCs’ spectral content can
be examined for frequencies outside the fundamental.
Figures 5 and 6 show typical LTC2361 and LTC2362 FFT
plots respectively.
Figure 4. Histogram for 16384 Conversions
Figure 5. LTC2361 FFT Plot
Figure 6. LTC2362 FFT Plot
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
–140
50
100
236012 F05
125
25
75
VDD = 3V
fSMPL = 250ksps
fIN = 124kHz
SINAD = 73dB
THD = –84dB
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
–140
100
200
236012 F06
250
50
150
VDD = 3V
fSMPL = 500ksps
fIN = 248kHz
SINAD = 73dB
THD = –81dB
CODE
10000
8000
4000
6000
2000
0
2047
2045
2049
236012 F04
2050
2046
2048
VDD = 3V


Similar Part No. - LTC2360CS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360CS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com