Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIT1042RS38P9 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AIT1042RS38P9
Description  Integrated Digital Tuner with RF and IF Gain Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AIT1042RS38P9 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AIT1042RS38P9 Datasheet HTML 5Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 6Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 7Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 8Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 9Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 10Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 11Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 12Page - ANADIGICS, Inc AIT1042RS38P9 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
02/2009
AIT1042
9
Figure 8: XMOD vs. Frequency
(129 channels - flat, TC = +558C)
Figure 9: Gain & NF vs. Frequency
(TC = +558C)
Figure ?: Gain & NF vs. Frequency
75
76
77
78
79
80
81
82
83
84
85
0
100 200 300 400 500 600 700 800 900 1000 1100
Frequency (MHz)
6
7
8
9
10
11
12
13
14
15
16
Gain(dB)
NoiseFigure(dB)
Figure ?: Frequency vs. XMOD
(129 digital flat channels, +25oC)
-85
-80
-75
-70
-65
-60
-55
-50
-45
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
+3dBmV Input
+15dBmV Input, +3dBmV Attack
+20dBmV Input, +3dBmV Attack


Similar Part No. - AIT1042RS38P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1000 ANADIGICS-AIT1000 Datasheet
115Kb / 2P
   Picotuner Complete Integrated Data Tuner
AIT1000M ANADIGICS-AIT1000M Datasheet
115Kb / 2P
   Picotuner Complete Integrated Data Tuner
AIT1005 ANADIGICS-AIT1005 Datasheet
77Kb / 1P
   PicoTuner Complete Integrated Data Tuner
More results

Similar Description - AIT1042RS38P9

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
   4:2 IF switch with integrated gain and control
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
   4:2 IF switch with integrated gain and control
ZXHF5000 DIODES-ZXHF5000 Datasheet
87Kb / 2P
   4:2 IF switch with integrated gain and control
logo
NXP Semiconductors
TDA18254AHN NXP-TDA18254AHN Datasheet
140Kb / 8P
   Cable Silicon Tuner Integrated wideband gain control
Rev. 4-10 May 2011
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Analog Devices
AD8302 AD-AD8302_15 Datasheet
568Kb / 24P
   RF/IF Gain and Phase Detector
REV. A
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
ZL10038LDG ZARLINK-ZL10038LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com