Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC7020R Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GC7020R
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GC7020R Datasheet(HTML) 2 Page - Green Power Solutions srl

  GC7020R Datasheet HTML 1Page - Green Power Solutions srl GC7020R Datasheet HTML 2Page - Green Power Solutions srl GC7020R Datasheet HTML 3Page - Green Power Solutions srl GC7020R Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR CLAMP FOR HOCKEY PUK DEVICES
GC79…R
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC79
B
N
A
B
15
R
S
(1)
(2)
(3)
(4)
(5)
(6)
(1) Construction type:
(2) Insulator position:
(3) Insulator code:
(4) Bolt code:
(5) Clamping force (in kN):
(6) Special accessories
K: Total thickness of the assembly to be clamped
For thicknesses S' Min < K < S Min an additional 4mm thick bar spacer is needed (see list of special accessories)
Type GC79BN…R: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
16
20
35
A
50
26
30
45
A
50
36
40
55
B
70
46
50
65
B
70
56
60
75
C
95
66
70
85
C
95
76
80
95
C
95
** with additional bar spacer only
Type GC79BR…R: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
16
20
35
A
50 ***
26
30
45
A
50
36
40
55
A
50
46
50
65
B
70
56
60
75
B
70
66
70
85
B
70
76
80
95
C
95
** with additional bar spacer only
*** For S MAX
Type GC79SN…R: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
25
29
44
A
50
35
39
54
B
70
45
49
64
B
70
55
59
74
C
95
65
69
84
C
95
75
79
94
C
95
85
89
104
D
120
** with additional bar spacer only
Type GC79SR…R: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
40
44
59
A
50
50
54
69
B
70
60
64
79
B
70
70
74
89
C
95
80
84
99
C
95
90
94
109
C
95
100
104
119
D
120
** with additional bar spacer only
Document GC79…RT001
110
Z
100
124
120
130
140
150
160
170
Bolt Length [mm]
Bolt Length [mm]
Bolt Length [mm]
Bolt Length [mm]
100
100
160
130
130
140
F
160
184
D
140
164
E
150
174
B
120
144
C
130
154
(4)
T [mm]
A
110
134
Z
100
124
F
160
170
Allowed clearance S
Insulator choice
Max height
Bolt choice
D
140
150
E
150
160
B
120
130
C
130
140
(4)
T [mm]
A
110
120
Z
110
Allowed clearance S
Insulator choice
Max height
Bolt choice
B = with double bar
S = with single bar
N = upper side
R = lower side
see table below
see table below
10
12
15
D = pressure disc in place of
pressure bar
20
blank = no accessories
S = extra bar spacer
Allowed clearance S
Insulator choice
Bolt choice
Max height
(4)
A
E
F
B
C
D
Z
E
Allowed clearance S
Insulator choice
F
B
C
D
140
(4)
A
Bolt choice
150
T [mm]
Max height
T [mm]
150
160
110
120
110
120
174
184
134
144
154
164
K


Similar Part No. - GC7020R

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GC7020F GPSEMI-GC7020F Datasheet
185Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
More results

Similar Description - GC7020R

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GC102R GPSEMI-GC102R Datasheet
289Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC118F GPSEMI-GC118F Datasheet
332Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4TF GPSEMI-GC140-4TF Datasheet
284Kb / 3P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4TF-S GPSEMI-GC140-4TF-S Datasheet
253Kb / 3P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC118R GPSEMI-GC118R Datasheet
259Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC79F GPSEMI-GC79F Datasheet
185Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC89F GPSEMI-GC89F Datasheet
250Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC102F GPSEMI-GC102F Datasheet
327Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC140R GPSEMI-GC140R Datasheet
363Kb / 3P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC70R GPSEMI-GC70R Datasheet
289Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
GC70F GPSEMI-GC70F Datasheet
180Kb / 4P
   BAR CLAMP FOR HOCKEY PUK DEVICES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com