Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-200-204X-3ILCEN Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-204X-3ILCEN
Description  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-204X-3ILCEN Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-204X-3ILCEN Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTALS
CRYSTALS
4.88
± 0.020
0.43
(10.5) Max.
11.35
11.35 Max.
4.65 Max.
This product represents our selection of
standard resistance weld type quartz
crystals.
OPTIONS:
– extended temperature range
– pullability
– mylar spacer
– vinyl sleeve
– third ground lead
– radial Tape and Reel (1,000 pcs)
FEATURES
• Cost effective
• Excellent aging
• Wide frequency range
• Tight tolerances
• Excellent reliability
• “AT” cut crystal
HC-49U
QUARTZ CRYSTAL
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
PARAMETERS
CONDITIONS
MINIMUM
MAXIMUM
UNITS
FREQUENCY RANGE
fo
1.800
100.000
MHz
FREQUENCY TOLERANCE
Ref @ +25˚C
-30
+30
PPM
FREQUENCY STABILITY
Ta=-10˚C ~ +70˚C
-50
+50
PPM
OPERATING TEMPERATURE
TOPR
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-30
+85
˚C
SHUNT CAPACITANCE
C0
7.0
pF
LOAD CAPACITANCE
CL (Customer Specified)
10.0
Series
pF
DRIVE LEVEL
1.800 ~ 3.000MHz, 3.000 ~ 100.000MHz
2.0, 1.0
mW
AGING (FIRST YEAR)
@ +25˚C
-5.0
+5.0
PPM
FREQUENCY RANGE (MHz)
MODE
MAX ESR
FREQUENCY RANGE (MHz)
MODE
MAX ESR
1.800 ~ 1.999
Fundamental
750
5.000 ~ 5.999
Fundamental
50
2.000 ~ 2.399
Fundamental
500
6.000 ~ 7.999
Fundamental
40
2.400 ~ 2.999
Fundamental
300
8.000 ~ 9.999
Fundamental
35
3.000 ~ 3.199
Fundamental
200
10.000 ~ 12.499
Fundamental
30
3.200 ~ 3.699
Fundamental
120
12.500 ~ 15.999
Fundamental
25
3.700 ~ 4.199
Fundamental
100
16.000 ~ 25.000
Fundamental
20
4.200 ~ 4.899
Fundamental
70
23.000 ~ 100.000
3rd O/T
40
4.900 ~ 4.999
Fundamental
55
Figure 1) HC-49U - Side and Bottom views
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
160
20
1
* Load capacitance (xx=xx pF, S= series resonance)
Note: See Product Selection Guide for additional options.
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 2) Frequency vs Temperature Curve


Similar Part No. - ECS-200-204X-3ILCEN

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-20-18-TR ECS-ECS-200-20-18-TR Datasheet
604Kb / 2P
   The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
ECS-200-20-19A-TR ECS-ECS-200-20-19A-TR Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
ECS-200-20-19AM-TR ECS-ECS-200-20-19AM-TR Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
ECS-200-20-19AN-TR ECS-ECS-200-20-19AN-TR Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
ECS-200-20-1X ECS-ECS-200-20-1X Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
More results

Similar Description - ECS-200-204X-3ILCEN

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com