Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4201EU Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4201EU
Description  Stereo Cap-less HP-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4201EU Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4201EU Datasheet HTML 2Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 3Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 4Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 5Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 6Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 7Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 8Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 9Page - Asahi Kasei Microsystems AK4201EU Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CONFIDENTIAL
[AK4201]
Rev 0.2
2008/07
- 6 -
ANALOG CHARACTERISTICS (AVDD=PVDD=5.0V)
(AVDD=PVDD=5.0V; PDN=5.0V; Ta=25ºC; VSS1=VSS2=0V; Input Signal Frequency =1kHz; Measurement band
width=10Hz
∼ 20kHz; Gain=+3.5dB (Ri=20kΩ, Rf=30kΩ); Headphone-Amp: RL =16Ω; Charge Pump Circuit External
Capacitance: C1=C2= 1
μF (Figure 3), unless otherwise specified)
Parameter
min
typ
max
Units
Output Power
RL =16Ω, 0.68Vrms Input
-
65
-
mW
THD+N
0.68Vrms Input; Po = 65mW @ RL =16Ω
-
−40
TBD
dB
0.60Vrms Input; Po = 50mW @ RL =16Ω
-
−60
TBD
dB
1.33Vrms Input; Vo = 2.0Vrms @ RL =5kΩ
-
−90
TBD
dB
S/N (Signal-to-Noise Ratio)
RL =16Ω (A-weighted) (Note 6)
TBD
102
-
dB
RL =5kΩ (A-weighted) (Note 7)
TBD
108
-
dB
PSRR (Power Supply Rejection Ratio) (Note 8)
217Hz
-
100
-
dB
1kHz
-
90
-
dB
Interchannel Isolation
RL =16Ω
60
80
-
dB
RL =5kΩ
-
80
-
dB
Output Offset Voltage
-
±0.5
±5.0
mV
Start-up time (Note 9)
-
-
50
ms
Power Supplies
AVDD + PVDD (Normal Mode; No Output)
-
4
TBD
mA
AVDD + PVDD (Power-Down Mode, PDN =0V)
-
0.1
TBD
uA
Note 6. In case of 0.68Vrms Input (Po=65mW).
Note 7. In case of 1.33Vrms Input (Vo=2Vrms).
Note 8. PSR is applied to AVDD and PVDD with 500mVpp sine wave.
Note 9. The time from PDN pin= “H” to when the AK4201 can output the data.


Similar Part No. - AK4201EU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201EU AKM-AK4201EU Datasheet
223Kb / 14P
   Stereo Cap-less HP-Amp
More results

Similar Description - AK4201EU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4201 AKM-AK4201_11 Datasheet
223Kb / 14P
   Stereo Cap-less HP-Amp
AK4213 AKM-AK4213 Datasheet
768Kb / 38P
   Mono Class-D SPK-Amp with Stereo Cap-less HP-Amp
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4204 AKM-AK4204 Datasheet
310Kb / 13P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
logo
Synaptics Incorporated.
CX20787 CONEXANT-CX20787 Datasheet
864Kb / 2P
   Cap-less Stereo class G
logo
Asahi Kasei Microsystem...
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com