Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4372VCB Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4372VCB
Description  DAC with built-in PLL & HP-AMP
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4372VCB Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4372VCB Datasheet HTML 2Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 3Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 4Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 9Page - Asahi Kasei Microsystems AK4372VCB Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
[AK4372]
MS0684-E-02
2008/12
- 6 -
Handling of Unused Pin
The unused I/O pins must be processed appropriately as below.
Classification
Pin Name
Setting
Analog
LOUT, ROUT, MUTET, HPR, HPL, MIN, RIN/IN+,
LIN/IN
These pins must be open.
MCKI
This pin must be connected to VSS2.
Digital
MCKO
This pin must be open.
ABSOLUTE MAXIMUM RATING
(VSS1 = VSS2 =0V; Note 2, Note 3)
Parameter
Symbol
min
max
Units
Power Supplies
Analog
AVDD
−0.3
4.6
V
Digital
DVDD
−0.3
4.6
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage (Note 4)
VINA
−0.3
(AVDD+0.3) or 4.6
V
Digital Input Voltage (Note 5)
VIND
−0.3
(DVDD+0.3) or 4.6
V
AK4372ECB
Ta
−30
85
°C
Ambient Temperature
AK4372VCB
Ta
−40
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 2. All voltages with respect to ground.
Note 3. VSS1 and VSS2 must be connected to the same analog ground plane.
Note 4. LIN/IN−, RIN/IN+ and MIN pins. Max is smaller value between (AVDD+0.3)V and 4.6V.
Note 5. SDA/CDTI, SCL/CCLK, CAD0/CSN, SDATA, LRCK, BICK, MCKI, PDN and I2C pins. Max is smaller value
between (DVDD+0.3)V and 4.6V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMEND OPERATING CONDITIONS
(VSS1 = VSS2 =0V; Note 2)
Parameter
Symbol
min
typ
max
Units
Power Supplies
Analog
AVDD
1.6
2.4
3.6
V
(Note 6)
Digital (Note 7)
DVDD
1.6
2.4
(AVDD+0.2) or 3.6
V
Note 1. All voltages with respect to ground.
Note 6. When AVDD and DVDD are supplied separately, AVDD should be powered-up after DVDD rises up to 1.6V or
more. When the AK4372 is powered-down, DVDD should be powered-down at the same time or later than
AVDD.
Note 7. Max is smaller value between (AVDD+0.2)V and 3.6V.
* AKEMD assumes no responsibility for usage beyond the conditions in this datasheet.


Similar Part No. - AK4372VCB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4370 AKM-AK4370 Datasheet
850Kb / 30P
   24bit DAC with Headphone Amplifier
AK4370VN AKM-AK4370VN Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
943Kb / 33P
   24bit DAC with Headphone Amplifier
More results

Similar Description - AK4372VCB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
   DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
AK4368 AKM-AK4368 Datasheet
710Kb / 58P
   PLL & HP-AMP DAC
AKD4343-B AKM-AKD4343-B Datasheet
682Kb / 32P
   Stereo DAC with built-in HP/RCV/SPK amplifier
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
logo
Panasonic Semiconductor
MN6155 PANASONIC-MN6155 Datasheet
54Kb / 9P
   PLL LSI with Built-In Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com