Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2362CS6-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2362CS6-TRPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2362CS6-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2362CS6-TRPBF Datasheet HTML 4Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2360/LTC2361/LTC2362
8
236012f
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = OVDD = VREF (LTC2362, Note 4)
SINAD vs Input Frequency
248kHz Sine Wave 8192 FFT Plot
THD vs Input Frequency
INPUT FREQUENCY (kHz)
2306012 G25
74
72
73
70
71
69
1
100
1000
10
VDD = 3.6V
VDD = 3.0V
VDD = 2.35V
INPUT FREQUENCY (kHz)
2306012 G26
–67
–75
–71
–87
–79
–83
–91
1
100
1000
10
VDD = 3.6V
VDD = 3.0V
VDD = 2.35V
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
–140
100
200
2306012 G27
250
150
50
VDD = 3V
fSMPL = 500ksps
Differential Nonlinearity
vs Output Code
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G20
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
Histogram for 16384 Conversions
Supply Current vs Sample Rate
CODE
10000
8000
4000
6000
2000
0
2047
2045
2049
236012 G22
2050
2046
2048
VDD = 3V
SAMPLE RATE (ksps)
0
1200
600
800
1000
200
400
0
400
200
236012 G23
500
300
100
VDD = 3.6V
Integral Nonlinearity
vs Output Code
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G19
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
Integral and Differential Nonlinearity
vs Reference Voltage (TS8 Package)
Reference Current vs Sample
Rate (TS8 Package)
REFERENCE VOLTAGE (V)
0.8
0.6
0.8
3.2
236012 G21
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
1.2
1.6
2
2.4
2.8
3.6
–1
1
VDD = 3.6V
MIN DNL
MAX INL
MIN INL
MAX DNL
SAMPLE RATE (ksps)
0
80.0
60.0
20.0
40.0
0.0
100
236012 G24
500
50
VDD = 3.6V
200 250 300 350 400 450
150


Similar Part No. - LTC2362CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2362CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com